Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4988 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 2SC4988
Description  Silicon NPN Epitaxial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4988 Datasheet(HTML) 6 Page - Hitachi Semiconductor

  2SC4988 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4988 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4988 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4988 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4988 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4988 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4988 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4988 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC4988
6
S Parameter (V
CE = 5 V, IC = 5 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.555
–66.6
9.68
124.7
0.0717
62.3
0.672
–39.7
400
0.328
–102.5
5.98
102.2
0.106
59.4
0.462
–49.8
600
0.225
–133.1
4.24
89.3
0.138
60.8
0.371
–53.4
800
0.185
–160.5
3.31
80.3
0.170
61.4
0.326
–56.4
1000
0.172
170.5
2.71
72.4
0.204
61.3
0.301
–59.9
1200
0.179
148.5
2.34
65.8
0.237
60.7
0.285
–63.6
1400
0.200
131.7
2.06
59.9
0.270
59.5
0.276
–68.2
1600
0.224
120.0
1.86
54.4
0.303
58.1
0.268
–73.2
1800
0.253
108.7
1.71
49.6
0.334
56.4
0.262
–78.7
2000
0.277
99.8
1.58
44.9
0.365
54.5
0.256
–84.7
S Parameter (V
CE = 5 V, IC = 20 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.220
–101.8
13.13
106.0
0.0532
71.5
0.401
–48.6
400
0.135
–149.0
7.08
90.8
0.0946
73.6
0.277
–49.0
600
0.120
175.1
4.83
82.2
0.137
72.6
0.239
–50.1
800
0.132
148.0
3.70
75.5
0.178
70.8
0.221
–53.4
1000
0.155
129.6
3.02
69.5
0.220
68.2
0.212
–57.9
1200
0.174
117.3
2.58
63.9
0.258
65.6
0.205
–63.1
1400
0.196
105.5
2.26
58.8
0.296
62.9
0.201
–69.1
1600
0.225
97.8
2.04
54.1
0.331
60.3
0.197
–75.7
1800
0.246
92.0
1.86
50.0
0.364
57.5
0.193
–82.1
2000
0.267
84.5
1.72
45.7
0.397
54.7
0.190
–89.4


Similar Part No. - 2SC4988

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4988 RENESAS-2SC4988 Datasheet
88Kb / 8P
   Silicon NPN Epitaxial
logo
Inchange Semiconductor ...
2SC4988 ISC-2SC4988 Datasheet
216Kb / 5P
   High Gain Bandwidth Product
logo
Renesas Technology Corp
2SC4988FRTL-E RENESAS-2SC4988FRTL-E Datasheet
88Kb / 8P
   Silicon NPN Epitaxial
More results

Similar Description - 2SC4988

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com