Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MG63-330MF Datasheet(PDF) 4 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MG63-330MF
Description  Unshielded Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MG63-330MF Datasheet(HTML) 4 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MG63-330MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MG63-330MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MG63-330MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MG63-330MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
 
 
 
4 
1MG Series
Unshielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MG‐2012A
Accetek 
E TAPE AND REEL SPECIFICATIONS
A
B
C
E
D
P
P1
P0
W
H
T
Case Size
Parts per Reel
Reel Dimensions(REF)
Tape Dimensions(REF)
A
B
C
D
E
W
P
P0
P1
H
T
1MG63
2500
330
100
13
22.5
17.5
16
8
4
2
3.2
0.5
1MG135
500
330
100
13
30
24.5
24
16
4
2
5.6
0.5
1MG187
250
330
100
13
38.5
33.5
32
20
4
2
7.6
0.5
F RECOMMENDED SOLDER REFLOW PROFILE
Profile Feature
Recommended Conditions
Average ramp-up rate
3°C/second max.
(Tsmax to Tp)
Preheat
Temperature Min (Tsmin)
100°C
Temperature Max (Tsmax)
150°C
Time (Tsmin to Tsmax)(ts)
60-180 seconds
Time maintained above:
Temperature (TL)
217°C
Time (tL)
60-150 seconds
Peak Temperature (Tp)
See Table2
Time within 5°C of actual Peak
20-40 seconds
Temperature (tp)2
Ramp-down Rate
6°C/second max.
Time 25°C to Peak Temperature
8 minutes max
Package
Volume mm3
Volume mm3
Volume mm3
Thickness
<350
350 - 2000
>2000
< 1.6mm
260°C
260°C
260°C
1.6mm - 2.5mm
260°C
250°C
245°C
>2.5mm
250°C
245°C
245°C
Table 2
Table 1
1. The above profiles are based on IPC/JEDEC J-STD-020C.
2. Exceeding these conditions may cause lowered product
reliability.


Similar Part No. - 1MG63-330MF

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1MG26-LFW0-00C-100 3M-1MG26-LFW0-00C-100 Datasheet
329Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MG26-LFW0-00C-200 3M-1MG26-LFW0-00C-200 Datasheet
329Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MG26-LFW0-00C-500 3M-1MG26-LFW0-00C-500 Datasheet
329Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MG26-LFW0-00C-A00 3M-1MG26-LFW0-00C-A00 Datasheet
329Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
More results

Similar Description - 1MG63-330MF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1MH ACCETEK-1MH Datasheet
280Kb / 3P
   Unshielded Power Inductor
logo
Abracon Corporation
AIUR-10_SERIES ABRACON-AIUR-10_SERIES Datasheet
980Kb / 2P
   Unshielded Radial Power Inductor
08.08.12
AISC-2220H ABRACON-AISC-2220H Datasheet
1Mb / 3P
   UNSHIELDED SMD POWER INDUCTOR
12.28.12
AIUR-04_SERIES ABRACON-AIUR-04_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-09_SERIES ABRACON-AIUR-09_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
08.29.12
AIUR-16_SERIES ABRACON-AIUR-16_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
07.26.12
ASPI-5619 ABRACON-ASPI-5619 Datasheet
1Mb / 3P
   SMD Unshielded Power Inductor
10.03.13
logo
MPS Industries, Inc.
P11R20875 MPSIND-P11R20875 Datasheet
337Kb / 2P
   UNSHIELDED RADIAL POWER INDUCTOR
logo
Stackpole Electronics, ...
LPC SEI-LPC Datasheet
609Kb / 8P
   SMD Unshielded Power Inductor
08/30/2019
logo
Abracon Corporation
AIUR-08_SERIES ABRACON-AIUR-08_SERIES Datasheet
977Kb / 2P
   Unshielded Radial Power Inductor
08.29.12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com