Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MH3225-120KF Datasheet(PDF) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MH3225-120KF
Description  Unshielded Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MH3225-120KF Datasheet(HTML) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MH3225-120KF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MH3225-120KF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MH3225-120KF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
1 
1MH Series
Unshielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MH‐2012A
Accetek 
A FEATURES
 High Q at high frequencies
 Low DC-resistance
 Inductance ratings from 1.0 to 1000 µH
 Operating Temperature range from -40°C to +125°C (Including Self-heating)
B PART NUMBER SYSTEM
1MH
3225
-
100
M
F
❶ 
❷ 
 
❸ 
❹ 
❺ 
 
❶ 
Series
❷ 
Dimension Code (L*W*H) (mm)
1MH
Series Code
3225 (3.2×2.5×2.0)
4532 (4.5×3.2×2.6)
❸ 
Inductance Code
e.g.
Calculation
❹ 
Inductance Tolerance
2R2
2.2μH
K
±10%
100
10×100μH = 10μH
M
±20%
101
10×101μH = 100μH
❺ 
RoHS Compliant
C DRAWINGS AND DIMENSIONS
 
Drawings
Schematic
A
B
C
D
E
F
E
I
I
J
H
1
2
Case Size
Dimensions (mm)
A
B
C
Dref
Href
Iref
Jref
1MH3225
3.2±0.3
2.5±0.3
2.0±0.3
2.4±0.3
2.8
1.4
1.0
1MH4532
4.5±0.3
3.2±0.3
2.6±0.3
3.6±0.3
3.6
2.0
1.4
D SPECIFICATIONS


Similar Description - 1MH3225-120KF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1MG ACCETEK-1MG Datasheet
284Kb / 4P
   Unshielded Power Inductor
logo
Abracon Corporation
AIUR-10_SERIES ABRACON-AIUR-10_SERIES Datasheet
980Kb / 2P
   Unshielded Radial Power Inductor
08.08.12
AISC-2220H ABRACON-AISC-2220H Datasheet
1Mb / 3P
   UNSHIELDED SMD POWER INDUCTOR
12.28.12
AIUR-04_SERIES ABRACON-AIUR-04_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-09_SERIES ABRACON-AIUR-09_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
08.29.12
AIUR-16_SERIES ABRACON-AIUR-16_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
07.26.12
ASPI-5619 ABRACON-ASPI-5619 Datasheet
1Mb / 3P
   SMD Unshielded Power Inductor
10.03.13
logo
MPS Industries, Inc.
P11R20875 MPSIND-P11R20875 Datasheet
337Kb / 2P
   UNSHIELDED RADIAL POWER INDUCTOR
logo
Stackpole Electronics, ...
LPC SEI-LPC Datasheet
609Kb / 8P
   SMD Unshielded Power Inductor
08/30/2019
logo
Abracon Corporation
AIUR-08_SERIES ABRACON-AIUR-08_SERIES Datasheet
977Kb / 2P
   Unshielded Radial Power Inductor
08.29.12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com