Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1ME3012H-100MF Datasheet(PDF) 5 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1ME3012H-100MF
Description  Low Profile Shielded Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1ME3012H-100MF Datasheet(HTML) 5 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1ME3012H-100MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012H-100MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012H-100MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012H-100MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012H-100MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 
 
 
5 
1ME Series
Low Profile Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1ME‐H‐2014A
Accetek 
F RECOMMENDED SOLDER REFLOW PROFILE
Profile Feature
Recommended Conditions
Average ramp-up rate
3°C/second max.
(Tsmax to Tp)
Preheat
Temperature Min (Tsmin)
100°C
Temperature Max (Tsmax)
150°C
Time (Tsmin to Tsmax)(ts)
60-180 seconds
Time maintained above:
Temperature (TL)
217°C
Time (tL)
60-150 seconds
Peak Temperature (Tp)
See Table2
Time within 5°C of actual Peak
20-40 seconds
Temperature (tp)2
Ramp-down Rate
6°C/second max.
Time 25°C to Peak Temperature
8 minutes max
Package
Volume mm3
Volume mm3
Volume mm3
Thickness
<350
350 - 2000
>2000
< 1.6mm
260°C
260°C
260°C
1.6mm - 2.5mm
260°C
250°C
245°C
>2.5mm
250°C
245°C
245°C
Table 2
Table 1
1. The above profiles are based on IPC/JEDEC J-STD-020C.
2. Exceeding these conditions may cause lowered product
reliability.


Similar Part No. - 1ME3012H-100MF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1ME3012-100MF ACCETEK-1ME3012-100MF Datasheet
312Kb / 11P
   Magnetic epoxy shielded construction reduces 30% or more component volume
1ME3012-101MF ACCETEK-1ME3012-101MF Datasheet
312Kb / 11P
   Magnetic epoxy shielded construction reduces 30% or more component volume
1ME3012-120MF ACCETEK-1ME3012-120MF Datasheet
312Kb / 11P
   Magnetic epoxy shielded construction reduces 30% or more component volume
1ME3012-150MF ACCETEK-1ME3012-150MF Datasheet
312Kb / 11P
   Magnetic epoxy shielded construction reduces 30% or more component volume
1ME3012-180MF ACCETEK-1ME3012-180MF Datasheet
312Kb / 11P
   Magnetic epoxy shielded construction reduces 30% or more component volume
More results

Similar Description - 1ME3012H-100MF

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-4017 RENCO-RL-4017 Datasheet
109Kb / 2P
   SHIELDED LOW PROFILE POWER INDUCTOR
RL-4013 RENCO-RL-4013 Datasheet
428Kb / 2P
   SHIELDED LOW PROFILE POWER INDUCTOR
RL-4014 RENCO-RL-4014 Datasheet
428Kb / 2P
   SHIELDED LOW PROFILE POWER INDUCTOR
RL-3014 RENCO-RL-3014 Datasheet
428Kb / 2P
   SHIELDED LOW PROFILE POWER INDUCTOR
RL-3013 RENCO-RL-3013 Datasheet
428Kb / 2P
   SHIELDED LOW PROFILE POWER INDUCTOR
logo
Datatronic Distribution...
DR363-102 DATATRONICS-DR363-102 Datasheet
76Kb / 1P
   LOW PROFILE SHIELDED SMD POWER INDUCTOR
logo
Abracon Corporation
ASPI-0840 ABRACON-ASPI-0840 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
10.04.13
ASPI-2410 ABRACON-ASPI-2410 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
10.20.11
ASPI-0628 ABRACON-ASPI-0628 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
03.16.12
ASPI-2510 ABRACON-ASPI-2510 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
09.06.11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com