Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1ME3012-220MF Datasheet(PDF) 6 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1ME3012-220MF
Description  Magnetic epoxy shielded construction reduces 30% or more component volume
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1ME3012-220MF Datasheet(HTML) 6 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Back Button 1ME3012-220MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-220MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-220MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-220MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-220MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-220MF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-220MF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-220MF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-220MF Datasheet HTML 10Page - Accetek Electronics (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
 
 
 
6 
1ME Series
Low Profile Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1ME‐2014A
Accetek 
Inductance1
DCR2
Drawing
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms3(A)
Isat4(A)
Fig.
1ME4020-220MF
22
±20%
0.350
0.455
0.62
1.05
B
1ME4020-270MF
27
±20%
0.545
0.709
0.50
1.02
B
1ME4020-330MF
33
±20%
0.550
0.715
0.49
0.85
B
1ME4020-390MF
39
±20%
0.650
0.845
0.46
0.82
B
1ME4020-430MF
43
±20%
0.660
0.858
0.45
0.77
B
1ME4020-470MF
47
±20%
0.710
0.923
0.44
0.74
B
1ME4020-510MF
51
±20%
0.750
0.975
0.42
0.70
B
1ME4020-560MF
56
±20%
0.800
1.040
0.41
0.66
B
1ME4020-620MF
62
±20%
0.900
1.170
0.39
0.65
B
1ME4020-680MF
68
±20%
1.060
1.378
0.36
0.61
B
1ME4020-750MF
75
±20%
1.160
1.508
0.35
0.70
B
1ME4020-820MF
82
±20%
1.170
1.521
0.34
0.50
B
1ME4020-101MF
100
±20%
1.550
2.015
0.31
0.48
B
1ME4026-1R2NF
1.2
±30%
0.030
0.039
2.30
3.10
B
1ME4026-1R5NF
1.5
±30%
0.030
0.039
2.30
2.40
B
1ME4026-2R2MF
2.2
±20%
0.040
0.052
2.00
2.10
B
1ME4026-3R3MF
3.3
±20%
0.050
0.065
1.70
1.80
B
1ME4026-4R7MF
4.7
±20%
0.055
0.072
1.60
1.45
B
1ME4026-6R8MF
6.8
±20%
0.065
0.085
1.50
1.30
B
1ME4026-100MF
10
±20%
0.085
0.111
1.30
1.00
B
1ME4026-150MF
15
±20%
0.110
0.143
1.10
0.90
B
1ME4026-220MF
22
±20%
0.165
0.215
0.90
0.60
B
1ME4026-330MF
33
±20%
0.270
0.351
0.70
0.55
B
1ME4026-470MF
47
±20%
0.300
0.390
0.65
0.40
B
1ME4030-R91NF
0.91
±30%
0.013
0.017
4.00
6.25
B
1ME4030-1R2NF
1.2
±30%
0.015
0.020
3.82
5.80
B
1ME4030-1R5NF
1.5
±30%
0.020
0.026
3.34
4.84
B
1ME4030-1R8NF
1.8
±30%
0.028
0.036
3.00
4.80
B
1ME4030-2R2NF
2.2
±30%
0.030
0.039
2.95
4.40
B
1ME4030-3R3MF
3.3
±20%
0.040
0.052
2.40
3.30
B
1ME4030-4R3MF
4.3
±20%
0.055
0.072
2.10
2.95
B
1ME4030-4R7MF
4.7
±20%
0.060
0.078
2.00
2.90
B
1ME4030-5R6MF
5.6
±20%
0.065
0.085
1.95
2.60
B
1ME4030-6R8MF
6.8
±20%
0.090
0.117
1.60
2.75
B
1ME4030-7R5MF
7.5
±20%
0.085
0.111
1.65
2.20
B
1ME4030-8R2MF
8.2
±20%
0.090
0.117
1.60
2.10
B
1ME4030-100MF
10
±20%
0.100
0.130
1.50
1.95
B
1ME4030-120MF
12
±20%
0.135
0.176
1.30
1.70
B
1ME4030-150MF
15
±20%
0.190
0.247
1.11
1.65
B
1ME4030-180MF
18
±20%
0.200
0.260
1.10
1.40
B
1ME4030-220MF
22
±20%
0.225
0.293
1.00
1.30
B
1ME4030-330MF
33
±20%
0.330
0.429
0.84
1.10
B
1ME4030-360MF
36
±20%
0.335
0.436
0.83
1.05
B
1ME4030-390MF
39
±20%
0.435
0.566
0.73
1.03
B
1ME4030-470MF
47
±20%
0.445
0.579
0.72
0.95
B
1ME4030-510MF
51
±20%
0.470
0.611
0.70
0.90
B
1ME4030-560MF
56
±20%
0.555
0.722
0.65
0.85
B
1ME4030-620MF
62
±20%
0.585
0.761
0.63
0.80
B
1ME4030-680MF
68
±20%
0.868
1.128
0.52
0.72
B
1ME4030-750MF
75
±20%
1.020
1.326
0.48
0.70
B
1ME4030-820MF
82
±20%
1.060
1.378
0.47
0.66
B
1ME4030-910MF
91
±20%
1.100
1.430
0.46
0.65
B
1ME4030-101MF
100
±20%
1.150
1.495
0.45
0.60
B
1ME4030-121MF
120
±20%
1.350
1.755
0.42
0.55
B
1ME5012-1R0NF
1.0
±30%
0.057
0.074
2.40
4.40
C
1ME5012-1R5NF
1.5
±30%
0.072
0.094
2.25
3.70
C
1ME5012-2R2NF
2.2
±30%
0.090
0.117
2.00
3.10
C


Similar Part No. - 1ME3012-220MF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1ME3012H-100MF ACCETEK-1ME3012H-100MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-1R0MF ACCETEK-1ME3012H-1R0MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-220MF ACCETEK-1ME3012H-220MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-2R2MF ACCETEK-1ME3012H-2R2MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-3R3MF ACCETEK-1ME3012H-3R3MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
More results

Similar Description - 1ME3012-220MF

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF5040-470M XFMRS-XF5040-470M Datasheet
47Kb / 1P
   MAGNETIC EPOXY SHIELDED
logo
MPS Industries, Inc.
PSF109 MPSIND-PSF109 Datasheet
474Kb / 2P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF8040 MPSIND-PSF8040 Datasheet
468Kb / 1P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF74 MPSIND-PSF74 Datasheet
498Kb / 2P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
logo
List of Unclassifed Man...
3410VM ETC-3410VM Datasheet
154Kb / 2P
   U.V and/or Visible light and/or Heat Curable One Component Epoxy
12/2004
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded construction
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
   Shielded construction
logo
Microsemi Corporation
SGE2658-1 MICROSEMI-SGE2658-1 Datasheet
176Kb / 1P
   Magnetic Component Specification
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
   Shielded construction
Revision: 02-Mar-17
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
   Shielded construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com