Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1ME3012-330MF Datasheet(PDF) 4 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1ME3012-330MF
Description  Magnetic epoxy shielded construction reduces 30% or more component volume
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1ME3012-330MF Datasheet(HTML) 4 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1ME3012-330MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-330MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-330MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-330MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-330MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-330MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-330MF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-330MF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-330MF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
 
 
 
4 
1ME Series
Low Profile Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1ME‐2014A
Accetek 
Inductance1
DCR2
Drawing
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms3(A)
Isat4(A)
Fig.
1ME3012-1R8NF
1.8
±30%
0.063
0.082
1.65
1.30
B
1ME3012-2R2NF
2.2
±30%
0.075
0.098
1.55
1.20
B
1ME3012-2R4NF
2.4
±30%
0.068
0.088
1.60
1.15
B
1ME3012-2R7NF
2.7
±30%
0.085
0.111
1.48
1.14
B
1ME3012-3R3MF
3.3
±20%
0.100
0.130
1.36
1.05
B
1ME3012-3R9MF
3.9
±20%
0.145
0.189
1.24
1.00
B
1ME3012-4R7MF
4.7
±20%
0.120
0.156
1.24
0.90
B
1ME3012-6R8MF
6.8
±20%
0.190
0.247
0.98
0.75
B
1ME3012-100MF
10
±20%
0.265
0.345
0.83
0.60
B
1ME3012-120MF
12
±20%
0.345
0.449
0.73
0.48
B
1ME3012-150MF
15
±20%
0.360
0.468
0.71
0.45
B
1ME3012-180MF
18
±20%
0.545
0.709
0.58
0.43
B
1ME3012-220MF
22
±20%
0.645
0.839
0.53
0.42
B
1ME3012-270MF
27
±20%
0.870
1.131
0.47
0.36
B
1ME3012-330MF
33
±20%
0.875
1.138
0.46
0.35
B
1ME3012-360MF
36
±20%
0.950
1.235
0.44
0.34
B
1ME3012-390MF
39
±20%
1.330
1.729
0.37
0.30
B
1ME3012-470MF
47
±20%
1.450
1.885
0.35
0.27
B
1ME3012-680MF
68
±20%
1.670
2.171
0.33
0.24
B
1ME3012-820MF
82
±20%
2.540
3.302
0.27
0.17
B
1ME3012-101MF
100
±20%
2.860
3.718
0.25
0.21
B
1ME3015-1R0NF
1.0
±30%
0.030
0.039
2.35
2.32
B
1ME3015-1R2NF
1.2
±30%
0.040
0.052
1.95
2.21
B
1ME3015-1R5NF
1.5
±30%
0.050
0.065
1.70
2.30
B
1ME3015-1R8NF
1.8
±30%
0.050
0.065
1.70
1.75
B
1ME3015-2R2NF
2.2
±30%
0.060
0.078
1.60
1.60
B
1ME3015-2R7NF
2.7
±30%
0.075
0.098
1.43
1.52
B
1ME3015-3R3MF
3.3
±20%
0.080
0.104
1.36
1.32
B
1ME3015-3R6MF
3.6
±20%
0.105
0.137
1.20
1.28
B
1ME3015-4R3MF
4.3
±20%
0.115
0.150
1.14
1.20
B
1ME3015-4R7MF
4.7
±20%
0.125
0.163
1.09
1.10
B
1ME3015-5R1MF
5.1
±20%
0.133
0.173
1.05
1.00
B
1ME3015-6R2MF
6.2
±20%
0.195
0.254
0.86
1.00
B
1ME3015-6R8MF
6.8
±20%
0.200
0.260
0.85
0.85
B
1ME3015-100MF
10
±20%
0.250
0.325
0.77
0.72
B
1ME3015-120MF
12
±20%
0.320
0.416
0.68
0.70
B
1ME3015-150MF
15
±20%
0.350
0.455
0.65
0.66
B
1ME3015-180MF
18
±20%
0.430
0.559
0.59
0.56
B
1ME3015-220MF
22
±20%
0.460
0.598
0.57
0.52
B
1ME3015-270MF
27
±20%
0.730
0.949
0.45
0.48
B
1ME3015-330MF
33
±20%
0.820
1.066
0.43
0.44
B
1ME3015-390MF
39
±20%
0.995
1.294
0.39
0.41
B
1ME3015-430MF
43
±20%
1.060
1.378
0.37
0.37
B
1ME3015-470MF
47
±20%
1.250
1.625
0.35
0.35
B
1ME3015-560MF
56
±20%
1.280
1.664
0.34
0.33
B
1ME3015-620MF
62
±20%
1.610
2.093
0.30
0.30
B
1ME3015-680MF
68
±20%
2.700
3.510
0.23
0.28
B
1ME4010-1R0NT
1.0
±30%
0.056
0.067
1.90
2.00
B
1ME4010-1R5NT
1.5
±30%
0.070
0.084
1.70
1.68
B
1ME4010-2R2MT
2.2
±20%
0.085
0.102
1.50
1.20
B
1ME4010-3R3MT
3.3
±20%
0.100
0.120
1.40
1.10
B
1ME4010-4R7MT
4.7
±20%
0.140
0.168
1.20
0.95
B
1ME4010-6R8MT
6.8
±20%
0.200
0.240
1.00
0.80
B
1ME4010-100MT
10
±20%
0.300
0.360
0.75
0.62
B
1ME4010-150MT
15
±20%
0.430
0.516
0.60
0.54
B
1ME4010-220MT
22
±20%
0.570
0.684
0.50
0.45
B
1ME4012-R82NF
0.82
±30%
0.050
0.065
1.65
3.02
B


Similar Part No. - 1ME3012-330MF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1ME3012H-100MF ACCETEK-1ME3012H-100MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-1R0MF ACCETEK-1ME3012H-1R0MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-220MF ACCETEK-1ME3012H-220MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-2R2MF ACCETEK-1ME3012H-2R2MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-3R3MF ACCETEK-1ME3012H-3R3MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
More results

Similar Description - 1ME3012-330MF

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF5040-470M XFMRS-XF5040-470M Datasheet
47Kb / 1P
   MAGNETIC EPOXY SHIELDED
logo
MPS Industries, Inc.
PSF109 MPSIND-PSF109 Datasheet
474Kb / 2P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF8040 MPSIND-PSF8040 Datasheet
468Kb / 1P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF74 MPSIND-PSF74 Datasheet
498Kb / 2P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
logo
List of Unclassifed Man...
3410VM ETC-3410VM Datasheet
154Kb / 2P
   U.V and/or Visible light and/or Heat Curable One Component Epoxy
12/2004
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded construction
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
   Shielded construction
logo
Microsemi Corporation
SGE2658-1 MICROSEMI-SGE2658-1 Datasheet
176Kb / 1P
   Magnetic Component Specification
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
   Shielded construction
Revision: 02-Mar-17
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
   Shielded construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com