Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1ME3015-5R1MF Datasheet(PDF) 9 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1ME3015-5R1MF
Description  Magnetic epoxy shielded construction reduces 30% or more component volume
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1ME3015-5R1MF Datasheet(HTML) 9 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Back Button 1ME3015-5R1MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3015-5R1MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3015-5R1MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3015-5R1MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3015-5R1MF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3015-5R1MF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3015-5R1MF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3015-5R1MF Datasheet HTML 10Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3015-5R1MF Datasheet HTML 11Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
 
 
 
9 
1ME Series
Low Profile Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1ME‐2014A
Accetek 
Inductance1
DCR2
Drawing
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms3(A)
Isat4(A)
Fig.
1ME6045-8R2MF
8.20
±20%
0.043
0.056
2.60
3.90
B
1ME6045-9R1MF
9.10
±20%
0.043
0.056
2.60
3.35
B
1ME6045-100MF
10.0
±20%
0.048
0.062
2.45
3.20
B
1ME6045-120MF
12.0
±20%
0.058
0.075
2.20
2.80
B
1ME6045-150MF
15.0
±20%
0.068
0.088
2.05
2.50
B
1ME6045-180MF
18.0
±20%
0.081
0.105
1.85
2.20
B
1ME6045-220MF
22.0
±20%
0.089
0.116
1.80
2.05
B
1ME6045-270MF
27.0
±20%
0.102
0.133
1.65
1.90
B
1ME6045-300MF
30.0
±20%
0.132
0.172
1.50
1.70
B
1ME6045-330MF
33.0
±20%
0.137
0.178
1.45
1.65
B
1ME6045-360MF
36.0
±20%
0.173
0.225
1.40
1.62
B
1ME6045-390MF
39.0
±20%
0.180
0.234
1.25
1.50
B
1ME6045-430MF
43.0
±20%
0.200
0.260
1.20
1.63
B
1ME6045-470MF
47.0
±20%
0.200
0.260
1.20
1.40
B
1ME6045-510MF
51.0
±20%
0.207
0.269
1.15
1.35
B
1ME6045-560MF
56.0
±20%
0.221
0.287
1.10
1.30
B
1ME6045-620MF
62.0
±20%
0.235
0.306
1.10
1.25
B
1ME6045-680MF
68.0
±20%
0.289
0.376
1.00
1.20
B
1ME6045-750MF
75.0
±20%
0.305
0.397
0.95
1.15
B
1ME6045-820MF
82.0
±20%
0.341
0.443
0.90
1.05
B
1ME6045-910MF
91.0
±20%
0.359
0.467
0.85
1.00
B
1ME6045-101MF
100.0
±20%
0.433
0.563
0.80
0.95
B
1ME6045-121MF
120.0
±20%
0.484
0.629
0.77
0.85
B
1ME6045-151MF
150.0
±20%
0.580
0.754
0.70
0.80
B
1ME6045-221MF
220.0
±20%
0.834
1.084
0.59
0.70
B
1ME6045-331MF
330.0
±20%
1.270
1.651
0.57
0.57
B
1ME8040-R82NF
0.82
±30%
0.008
0.010
6.30
13.80
B
1ME8040-1R0NF
1.00
±30%
0.008
0.010
6.30
9.85
B
1ME8040-1R5NF
1.50
±30%
0.010
0.013
5.65
8.15
B
1ME8040-2R0NF
2.00
±30%
0.012
0.016
5.15
9.25
B
1ME8040-2R2NF
2.20
±30%
0.012
0.016
5.15
7.10
B
1ME8040-3R0NF
3.00
±30%
0.014
0.018
4.70
6.10
B
1ME8040-3R3NF
3.30
±30%
0.017
0.022
4.40
6.50
B
1ME8040-3R6NF
3.60
±30%
0.017
0.022
4.35
7.52
B
1ME8040-3R9NF
3.90
±30%
0.017
0.022
4.35
5.75
B
1ME8040-4R7NF
4.70
±30%
0.019
0.025
4.10
5.90
B
1ME8040-5R1NF
5.10
±30%
0.019
0.025
4.05
4.70
B
1ME8040-5R6NF
5.60
±30%
0.021
0.027
3.85
6.00
B
1ME8040-6R2NF
6.20
±30%
0.021
0.027
3.85
4.45
B
1ME8040-6R8MF
6.80
±20%
0.024
0.031
3.60
4.55
B
1ME8040-8R2MF
8.20
±20%
0.026
0.034
3.45
4.20
B
1ME8040-100MF
10.0
±20%
0.029
0.038
3.30
3.60
B
1ME8040-150MF
15.0
±20%
0.047
0.061
2.60
2.95
B
1ME8040-180MF
18.0
±20%
0.053
0.069
2.40
2.70
B
1ME8040-220MF
22.0
±20%
0.069
0.090
2.10
2.40
B
1ME8040-270MF
27.0
±20%
0.078
0.101
2.00
2.15
B
1ME8040-330MF
33.0
±20%
0.097
0.126
1.80
2.05
B
1ME8040-360MF
36.0
±20%
0.102
0.133
1.75
2.00
B
1ME8040-390MF
39.0
±20%
0.107
0.139
1.70
1.95
B
1ME8040-430MF
43.0
±20%
0.113
0.147
1.65
1.90
B
1ME8040-470MF
47.0
±20%
0.136
0.177
1.55
1.75
B
1ME8040-510MF
51.0
±20%
0.142
0.185
1.50
1.70
B
1ME8040-560MF
56.0
±20%
0.148
0.192
1.45
1.55
B
1ME8040-620MF
62.0
±20%
0.182
0.237
1.30
1.50
B
1ME8040-680MF
68.0
±20%
0.196
0.255
1.25
1.45
B
1ME8040-750MF
75.0
±20%
0.211
0.274
1.20
1.35
B
1ME8040-820MF
82.0
±20%
0.225
0.293
1.15
1.30
B


Similar Part No. - 1ME3015-5R1MF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1ME3015H-100MF ACCETEK-1ME3015H-100MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3015H-150MF ACCETEK-1ME3015H-150MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3015H-1R0MF ACCETEK-1ME3015H-1R0MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3015H-1R5MF ACCETEK-1ME3015H-1R5MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3015H-220MF ACCETEK-1ME3015H-220MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
More results

Similar Description - 1ME3015-5R1MF

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF5040-470M XFMRS-XF5040-470M Datasheet
47Kb / 1P
   MAGNETIC EPOXY SHIELDED
logo
MPS Industries, Inc.
PSF109 MPSIND-PSF109 Datasheet
474Kb / 2P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF8040 MPSIND-PSF8040 Datasheet
468Kb / 1P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF74 MPSIND-PSF74 Datasheet
498Kb / 2P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
logo
List of Unclassifed Man...
3410VM ETC-3410VM Datasheet
154Kb / 2P
   U.V and/or Visible light and/or Heat Curable One Component Epoxy
12/2004
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded construction
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
   Shielded construction
logo
Microsemi Corporation
SGE2658-1 MICROSEMI-SGE2658-1 Datasheet
176Kb / 1P
   Magnetic Component Specification
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
   Shielded construction
Revision: 02-Mar-17
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
   Shielded construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com