Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MF105-821MF Datasheet(PDF) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MF105-821MF
Description  Shielded Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MF105-821MF Datasheet(HTML) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MF105-821MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MF105-821MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MF105-821MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MF105-821MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
 
 
2 
1MF Series
Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1MF‐2014A
Accetek 
D SPECIFICATIONS
Inductance1
DCR2
Irms3
Isat4
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
A
A
1MF103-0R8NF
0.8
±30%
0.0044
0.0057
8.30
11.20
1MF103-1R5NF
1.5
±30%
0.0085
0.0110
5.80
8.00
1MF103-2R2NF
2.2
±30%
0.0130
0.0169
5.10
6.70
1MF103-3R3NF
3.3
±30%
0.016
0.021
4.70
5.56
1MF103-4R7NF
4.7
±30%
0.023
0.030
4.00
4.65
1MF103-6R8NF
6.8
±30%
0.027
0.035
3.60
3.84
1MF103-8R2NF
8.2
±30%
0.038
0.050
3.00
3.54
1MF103-100MF
10
±20%
0.045
0.059
2.80
3.18
1MF103-150MF
15
±20%
0.070
0.091
2.05
2.60
1MF103-220MF
22
±20%
0.110
0.143
1.60
2.16
1MF103-330MF
33
±20%
0.155
0.202
1.35
1.74
1MF103-470MF
47
±20%
0.230
0.299
1.20
1.40
1MF103-560MF
56
±20%
0.250
0.325
1.15
1.36
1MF103-680MF
68
±20%
0.330
0.429
0.95
1.22
1MF103-820MF
82
±20%
0.380
0.494
0.80
1.14
1MF103-101MF
100
±20%
0.525
0.683
0.70
1.02
1MF103-121MF
120
±20%
0.580
0.754
0.65
0.89
1MF103-151MF
150
±20%
0.670
0.871
0.51
0.84
1MF104-1R5NF
1.5
±30%
0.0060
0.0081
6.50
10.00
1MF104-2R5NF
2.5
±30%
0.0078
0.0105
6.10
7.50
1MF104-3R8NF
3.8
±30%
0.0096
0.013
5.50
6.00
1MF104-5R2NF
5.2
±30%
0.016
0.022
5.40
5.50
1MF104-7R0NF
7.0
±30%
0.020
0.027
4.50
4.80
1MF104-100MF
10
±20%
0.026
0.035
3.80
4.40
1MF104-120MF
12
±20%
0.034
0.046
3.40
3.70
1MF104-150MF
15
±20%
0.037
0.050
3.10
3.60
1MF104-180MF
18
±20%
0.051
0.069
2.60
3.10
1MF104-220MF
22
±20%
0.054
0.073
2.50
2.90
1MF104-270MF
27
±20%
0.065
0.088
2.30
2.60
1MF104-330MF
33
±20%
0.069
0.093
2.20
2.30
1MF104-390MF
39
±20%
0.094
0.127
2.00
2.20
1MF104-470MF
47
±20%
0.095
0.128
1.90
2.10
1MF104-560MF
56
±20%
0.139
0.188
1.50
1.65
1MF104-680MF
68
±20%
0.158
0.213
1.42
1.50
1MF104-820MF
82
±20%
0.218
0.283
1.30
1.45
1MF104-101MF
100
±20%
0.225
0.304
1.25
1.35
1MF104-121MF
120
±20%
0.278
0.375
1.08
1.20
1MF104-151MF
150
±20%
0.375
0.506
0.85
1.15
1MF104-181MF
180
±20%
0.421
0.568
0.75
1.00
1MF104-221MF
220
±20%
0.560
0.756
0.70
0.92
1MF104-271MF
270
±20%
0.632
0.853
0.55
0.84
1MF104-331MF
330
±20%
0.810
1.090
0.52
0.70
1MF104-471MF
470
±20%
0.924
1.243
0.45
0.65
1MF105-0R8NF
0.8
±30%
0.0033
0.0043
9.50
13.50
1MF105-1R5NF
1.5
±30%
0.0045
0.0058
8.30
10.50
1MF105-2R2NF
2.2
±30%
0.0056
0.0072
7.50
9.25
1MF105-3R3NF
3.3
±30%
0.0080
0.0104
6.50
7.80
1MF105-4R7NF
4.7
±30%
0.0095
0.0123
6.10
6.40
1MF105-6R8NF
6.8
±30%
0.014
0.018
5.40
5.40
1MF105-8R2NF
8.2
±30%
0.016
0.020
5.00
4.85
1MF105-100MF
10
±20%
0.020
0.026
4.50
4.45
1MF105-120MF
12
±20%
0.025
0.033
3.80
4.00
1MF105-150MF
15
±20%
0.032
0.041
3.40
3.60
1MF105-180MF
18
±20%
0.035
0.046
3.10
3.20


Similar Part No. - 1MF105-821MF

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1MF26-L560-00C-100 3M-1MF26-L560-00C-100 Datasheet
374Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MF26-L560-00C-200 3M-1MF26-L560-00C-200 Datasheet
374Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MF26-L560-00C-500 3M-1MF26-L560-00C-500 Datasheet
374Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MF26-L560-00C-A00 3M-1MF26-L560-00C-A00 Datasheet
374Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MF26-L576-00C-100 3M-1MF26-L576-00C-100 Datasheet
417Kb / 7P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
More results

Similar Description - 1MF105-821MF

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
   SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
   Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
   Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
   Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
   Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
   SHIELDED POWER INDUCTOR
08.05.09
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
   Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
   Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
   Shielded Power Inductor
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
   SHIELDED POWER INDUCTOR
logo
Allied Components Inter...
PCSN5D33 ALLIED-PCSN5D33 Datasheet
1Mb / 1P
   Shielded Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com