Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1ME4018H-2R2MF Datasheet(PDF) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1ME4018H-2R2MF
Description  Low Profile Shielded Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1ME4018H-2R2MF Datasheet(HTML) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1ME4018H-2R2MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4018H-2R2MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4018H-2R2MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4018H-2R2MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4018H-2R2MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
 
1 
1ME Series
Low Profile Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1ME‐H‐2014A
Accetek 
A FEATURES
 Nearly 30% lower DCR than 1ME series and higher current rating
 Magnetic epoxy shielded construction reduces 30% or more component volume
 Shielded construction reduces leakage flux and EMI
 Metallization on ferrite core results in excellent shock resistance and damage-free durability
 30% higher current rating than conventional inductors of equal size
 Save PCB real estate and save more power
 Operating Temperature range from -40°C to +125°C (Including Self-heating)
 260°C reflow peak temperature qualified
B PART NUMBER SYSTEM
1ME
3010
-
100
M
F
❶ 
❷ 
 
❸ 
❹ 
❺ 
 
❶ 
Series
❷ 
Dimension Code (L*W*H) (mm)
1ME
Series Code
201610(2.0×1.6×1.0
252010(2.5×2.0×1.0)
252012(2.5×2.0×1.2)
3012(3.0×3.0×1.2)
❸ 
Inductance Code
3015(3.0×3.0×1.5)
4012(4.0×4.0×1.2)
e.g.
Calculation
4018(4.0×4.0×1.8)
8040(8.0×8.0×3.0)
2R2
2.2μH
101
10×101μH = 100μH
❹ 
Inductance Tolerance
❺ 
RoHS Compliant
M
±20%
N
±30%
C DRAWINGS AND DIMENSIONS
 
Fig.A – 1ME20xx, 2520xx
Fig.B - 1ME30xx,40xx,60xx,80xx
A
B
C
D
E
E
F
H
I
J
I
Land Pattern
B
A
C
D
E
F
E
H
I
J
I
Land Pattern
Schematic
1
2
XXX = Inductance value


Similar Part No. - 1ME4018H-2R2MF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1ME4018-100MF ACCETEK-1ME4018-100MF Datasheet
312Kb / 11P
   Magnetic epoxy shielded construction reduces 30% or more component volume
1ME4018-101MF ACCETEK-1ME4018-101MF Datasheet
312Kb / 11P
   Magnetic epoxy shielded construction reduces 30% or more component volume
1ME4018-150MF ACCETEK-1ME4018-150MF Datasheet
312Kb / 11P
   Magnetic epoxy shielded construction reduces 30% or more component volume
1ME4018-151MF ACCETEK-1ME4018-151MF Datasheet
312Kb / 11P
   Magnetic epoxy shielded construction reduces 30% or more component volume
1ME4018-1R0NF ACCETEK-1ME4018-1R0NF Datasheet
312Kb / 11P
   Magnetic epoxy shielded construction reduces 30% or more component volume
More results

Similar Description - 1ME4018H-2R2MF

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-4017 RENCO-RL-4017 Datasheet
109Kb / 2P
   SHIELDED LOW PROFILE POWER INDUCTOR
RL-4013 RENCO-RL-4013 Datasheet
428Kb / 2P
   SHIELDED LOW PROFILE POWER INDUCTOR
RL-4014 RENCO-RL-4014 Datasheet
428Kb / 2P
   SHIELDED LOW PROFILE POWER INDUCTOR
RL-3014 RENCO-RL-3014 Datasheet
428Kb / 2P
   SHIELDED LOW PROFILE POWER INDUCTOR
RL-3013 RENCO-RL-3013 Datasheet
428Kb / 2P
   SHIELDED LOW PROFILE POWER INDUCTOR
logo
Datatronic Distribution...
DR363-102 DATATRONICS-DR363-102 Datasheet
76Kb / 1P
   LOW PROFILE SHIELDED SMD POWER INDUCTOR
logo
Abracon Corporation
ASPI-0840 ABRACON-ASPI-0840 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
10.04.13
ASPI-2410 ABRACON-ASPI-2410 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
10.20.11
ASPI-0628 ABRACON-ASPI-0628 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
03.16.12
ASPI-2510 ABRACON-ASPI-2510 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
09.06.11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com