Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1113 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SD1113
Description  Silicon NPN Triple Diffused
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD1113 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SD1113 Datasheet HTML 1Page - Hitachi Semiconductor 2SD1113 Datasheet HTML 2Page - Hitachi Semiconductor 2SD1113 Datasheet HTML 3Page - Hitachi Semiconductor 2SD1113 Datasheet HTML 4Page - Hitachi Semiconductor 2SD1113 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SD1113(K)
Silicon NPN Triple Diffused
Application
Igniter
Outline
TO-220AB
1. Base
2. Collector
(Flange)
3. Emitter
1
2
3
6 k
(Typ)
450
(Typ)
1
2
3
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
300
V
Collector to emitter voltage
V
CEO
300
V
Emitter to base voltage
V
EBO
7V
Collector current
I
C
6A
Collector peak current
I
C(peak)
10
A
Collector power dissipation
P
C*
1
40
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Value at T
C = 25°C.


Similar Part No. - 2SD1113

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SD1113 RENESAS-2SD1113 Datasheet
144Kb / 6P
   Silicon NPN Triple Diffused
logo
Inchange Semiconductor ...
2SD1113 ISC-2SD1113 Datasheet
190Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Renesas Technology Corp
2SD1113K RENESAS-2SD1113K Datasheet
144Kb / 6P
   Silicon NPN Triple Diffused
More results

Similar Description - 2SD1113

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
2SD2300 HITACHI-2SD2300 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SD2107 HITACHI-2SD2107 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
2SC1881 HITACHI-2SC1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SC2611 HITACHI-2SC2611 Datasheet
30Kb / 6P
   Silicon NPN Triple Diffused
2SC4499 HITACHI-2SC4499 Datasheet
39Kb / 8P
   Silicon NPN Triple Diffused
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
   Silicon NPN Triple Diffused
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
   Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com