Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FU-630SLD-12M1 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # FU-630SLD-12M1
Description  1.48 um PUMP LD MODULE WITH SINGLEMODE FIBER (EDFA)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-630SLD-12M1 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  FU-630SLD-12M1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-630SLD-12M1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-630SLD-12M1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MITSUBISHI (OPTICAL DEVICES)
FU-630SLD-8M1/10M1/12M1
1.48
mm PUMP LD MODULE WITH SINGLEMODE FIBER (EDFA)
ELECTRICAL/OPTICAL CHARACTERISTICS
(Tld=25
°C,Tc=25°C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Threshold current
Ith
CW
-
30
60
mA
Operating current
Iop
CW
-8M1
-
350
600
mA
-10M1
450
600
-12M1
550
600
Operating Voltage
Vop
CW,If=Iop
(Note 1)
-
1.4
2
V
Optical output power from fib er
end
Pf
CW,If=Iop
-8M1
80
-
-
mW
-10M1
100
-
-
-12M1
120
-
-
Central wevelength
lc
CW,If=Iop
1460
1475
1490
nm
Spectral width(RMS)
Dl
CW,If=Iop
-
10
20
nm
Tracking error
(Note 2) Er
Tc=-20~+65
°C,APC,ATC
-
0.3
-
dB
Differential efficiency
h
-
-8M1
-
0.18
-
mW/m
A
-10M1
-
0.18
-
-12M1
-
0.23
-
Monitor current
Imon
CW,If=Iop,Vrd=5V
0.05
-
2
mA
Dark current (PD)
Id
Vrd=5V
-
0.1
1
mA
Capacitance (PD)
Ct
Vrd=5V,f=1MHz
-
10
-
pF
Note 1. If: LD forword current
2. Er=MAX|10
´log(Pf(Tc)/Pf(25°C))|
THERMAL CHARACTERISTICS (Tld=25
°C,Tc=-20~+65°C)
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Thermistor resistance
Rth
Tld=25
°C
9.5
10
10.5
K
W
B constant of thermistor
resistance
B
-
-
3950
-
K
Cooling capacity
DT
Tc=65
°C
40
-
-
°C
Cooler current
Ipe
DT=40°C
1
1.5
A
Cooler Voltage
Vpe
DT=40°C
-8M1
-
2
3
V
-10M1
-
2
3
-12M1
-
3.2
3.5
OPTICAL FIBER SPECIFICATION
Parameter
Limits
Unit
Type
SM
-
Mode filed dia.
9.5
±1
mm
Cladding dia.
125
±2
mm
Jacket dia.
0.9 typ.
mm


Similar Part No. - FU-630SLD-12M1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-630SLD-14M2 MITSUBISHI-FU-630SLD-14M2 Datasheet
113Kb / 3P
   1.48 um PUMP LD MODULE WITH SINGLEMODE FIBER (EDFA)
More results

Similar Description - FU-630SLD-12M1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-630SLD-14M2 MITSUBISHI-FU-630SLD-14M2 Datasheet
113Kb / 3P
   1.48 um PUMP LD MODULE WITH SINGLEMODE FIBER (EDFA)
FU-427SHL-8M22 MITSUBISHI-FU-427SHL-8M22 Datasheet
37Kb / 3P
   1.3 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-627SLD-F1 MITSUBISHI-FU-627SLD-F1 Datasheet
42Kb / 3P
   1.55 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-423SLD-F3M31 MITSUBISHI-FU-423SLD-F3M31 Datasheet
41Kb / 3P
   1.3 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-427SLD-F1M54 MITSUBISHI-FU-427SLD-F1M54 Datasheet
47Kb / 3P
   1.3 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-627SLD-F1M54 MITSUBISHI-FU-627SLD-F1M54 Datasheet
51Kb / 3P
   1.55 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-427SLD-F1 MITSUBISHI-FU-427SLD-F1 Datasheet
45Kb / 3P
   1.3 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-X3MYF MITSUBISHI-FU-68SDF-X3MYF Datasheet
156Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-450SDF-FW41MX3B MITSUBISHI-FU-450SDF-FW41MX3B Datasheet
80Kb / 4P
   1.31 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-XW5M1 MITSUBISHI-FU-650SDF-XW5M1 Datasheet
82Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com