Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T495C107K016ZTE200 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T495C107K016ZTE200
Description  Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO2
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495C107K016ZTE200 Datasheet(HTML) 2 Page - Kemet Corporation

  T495C107K016ZTE200 Datasheet HTML 1Page - Kemet Corporation T495C107K016ZTE200 Datasheet HTML 2Page - Kemet Corporation T495C107K016ZTE200 Datasheet HTML 3Page - Kemet Corporation T495C107K016ZTE200 Datasheet HTML 4Page - Kemet Corporation T495C107K016ZTE200 Datasheet HTML 5Page - Kemet Corporation T495C107K016ZTE200 Datasheet HTML 6Page - Kemet Corporation T495C107K016ZTE200 Datasheet HTML 7Page - Kemet Corporation T495C107K016ZTE200 Datasheet HTML 8Page - Kemet Corporation T495C107K016ZTE200 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2009_T495 • 9/24/2014
22
Tantalum Surface Mount Capacitors – Low ESR
T495 Series Surge Robust MnO
2
SPICE
Foradetailedanalysisofspecificpartnumbers,pleasevisitwww.kemet.comforafreedownloadofKEMET'sSPICEsoftware.
The KEMET SPICE program is freeware intended to aid design engineers in analyzing the performance of these capacitors over
frequency, temperature, ripple, and DC bias conditions.
Ordering Information
T
495
X
107
M
010
A
T
E045
Capacitor
Class
Series
Case Size
Capacitance
Code(pF)
Capacitance
Tolerance
Voltage
FailureRate/
Design
Lead Material
ESR
Packaging
(C-Spec)
T =
Tantalum
Surge
Robust
Low ESR
A, B,
C, D, E,
M, T, U,
V, X
Firsttwodigits
representsignificant
figures.Thirddigit
specifiesnumberof
zeros.
K = ±10%
M = ±20%
2R5 = 2.5 V
004 = 4 V
006 = 6.3 V
010 = 10 V
016 = 16 V
020 = 20 V
025 = 25 V
035 = 35 V
050 = 50 V
A = N/A
T = 100% Matte Tin
(Sn) Plated
H = Standard
Solder Coated
(SnPb 5% Pb
minimum)
G = Gold Plated (A,
B, C, D, X only)
Last three
digits specify
ESR in mΩ. (45
= 45 mΩ)
Blank = 7" Reel
7280 = 13" Reel
Performance Characteristics
Item
Performance Characteristics
Operating Temperature
-55°Cto125°C
Rated Capacitance Range
0.47–1,000µF@120Hz/25°C
Capacitance Tolerance
K Tolerance (10%), M Tolerance (20%)
Rated Voltage Range
2.5 – 50 V
DF(120Hz)
RefertoPartNumberElectricalSpecificationTable
ESR (100 kHz)
RefertoPartNumberElectricalSpecificationTable
Leakage Current
≤0.01CV(µA)atratedvoltageafter5minutes


Similar Part No. - T495C107K016ZTE200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495C107K016AGE045 KEMET-T495C107K016AGE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495C107K016AGE0457280 KEMET-T495C107K016AGE0457280 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
T495C107K016AHE045 KEMET-T495C107K016AHE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495C107K016AHE0457280 KEMET-T495C107K016AHE0457280 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
T495C107K016AME0457280 KEMET-T495C107K016AME0457280 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
More results

Similar Description - T495C107K016ZTE200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495D226K035ATE250 KEMET-T495D226K035ATE250 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO2
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X226M025ATE225 KEMET-T495X226M025ATE225 Datasheet
2Mb / 29P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X476M035ATE300 KEMET-T495X476M035ATE300 Datasheet
2Mb / 29P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X107K020ZTE150 KEMET-T495X107K020ZTE150 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO
T495A335M016ATE3K0 KEMET-T495A335M016ATE3K0 Datasheet
2Mb / 25P
   T495 Surge Robust Low ESR MnO2 Series
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T494A225K020AT KEMET-T494A225K020AT Datasheet
2Mb / 23P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com