Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T495X107K020ZTE150 Datasheet(PDF) 18 Page - Kemet Corporation

Part # T495X107K020ZTE150
Description  Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495X107K020ZTE150 Datasheet(HTML) 18 Page - Kemet Corporation

Back Button T495X107K020ZTE150 Datasheet HTML 14Page - Kemet Corporation T495X107K020ZTE150 Datasheet HTML 15Page - Kemet Corporation T495X107K020ZTE150 Datasheet HTML 16Page - Kemet Corporation T495X107K020ZTE150 Datasheet HTML 17Page - Kemet Corporation T495X107K020ZTE150 Datasheet HTML 18Page - Kemet Corporation T495X107K020ZTE150 Datasheet HTML 19Page - Kemet Corporation T495X107K020ZTE150 Datasheet HTML 20Page - Kemet Corporation T495X107K020ZTE150 Datasheet HTML 21Page - Kemet Corporation T495X107K020ZTE150 Datasheet HTML 22Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2009_T495 • 9/24/2014 18
18
Tantalum Surface Mount Capacitors – Low ESR
T495 Series Surge Robust MnO
2
Recommended Voltage Derating Guidelines
-55°Cto85°C
85°Cto125°C
% Change in Working DC
Voltage with Temperature
V
R
67% of V
R
Recommended Maximum
Application Voltage
50% of V
R
33% of V
R
Ripple Current/Ripple Voltage
Permissible AC ripple voltage and current are related to equivalent
series resistance (ESR) and the power dissipation capabilities of
the device. Permissible AC ripple voltage which may be applied is
limited by two criteria:
1. The positive peak AC voltage plus the DC bias voltage, if any,
must not exceed the DC voltage rating of the capacitor.
2. The negative peak AC voltage in combination with bias
voltage,ifany,mustnotexceedtheallowablelimitsspecifiedfor
reverse voltage. See the Reverse Voltage section for allowable
limits.
The maximum power dissipation by case size can be determined
using the table at right. The maximum power dissipation rating
stated in the table must be reduced with increasing environmental
operating temperatures. Refer to the table below for temperature
compensation requirements.
Temperature Compensation Multipliers
for Maximum Ripple Current
T≤25°C
T≤85°C
T≤125°C
1.00
0.90
0.40
T= Environmental Temperature
Using the P max of the device, the maximum allowable rms ripple
current or voltage may be determined.
I(max) = √P max/R
E(max) = Z √P max/R
I = rms ripple current (amperes)
E = rms ripple voltage (volts)
P max = maximum power dissipation (watts)
KEMET
Case Code
EIA
Case Code
Maximum Power
Dissipation (P max)
mWatts @ 25°C
w/+20°C Rise
A
3216–18
75
B
3528–21
85
C
6032–28
110
D
7343–31
150
X
7343–43
165
E
7360–38
200
S
3216–12
60
T
3528–12
70
U
6032–15
90
V
7343–20
125
T510X
7343–43
270
T510E
7360–38
285
The maximum power dissipation rating must be reduced with increasing
environmental operating temperatures. Refer to the Temperature Compensation
Multiplier table for details.
0%
20%
40%
60%
80%
100%
120%
-55
25
85
125
% Change in Working DC Voltage
with Temperature
Temperature (ºC)
67%
33%
Recommended Maximum
Application Voltage (As %
of Rated Voltage)
R = ESR at specified frequency (ohms)
Z = Impedance at specified frequency (ohms)


Similar Part No. - T495X107K020ZTE150

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X107K020AGE045 KEMET-T495X107K020AGE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107K020AGE0457280 KEMET-T495X107K020AGE0457280 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107K020AHE045 KEMET-T495X107K020AHE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107K020AHE0457280 KEMET-T495X107K020AHE0457280 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107K020AME0457280 KEMET-T495X107K020AME0457280 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
More results

Similar Description - T495X107K020ZTE150

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495C107K016ZTE200 KEMET-T495C107K016ZTE200 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO2
T495D226K035ATE250 KEMET-T495D226K035ATE250 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO2
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X226M025ATE225 KEMET-T495X226M025ATE225 Datasheet
2Mb / 29P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X476M035ATE300 KEMET-T495X476M035ATE300 Datasheet
2Mb / 29P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495A335M016ATE3K0 KEMET-T495A335M016ATE3K0 Datasheet
2Mb / 25P
   T495 Surge Robust Low ESR MnO2 Series
T494T336M004AT KEMET-T494T336M004AT_16 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com