Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB800 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPB800
Description  Wide Gap Slotted Optical Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB800 Datasheet(HTML) 3 Page - OPTEK Technologies

  OPB800 Datasheet HTML 1Page - OPTEK Technologies OPB800 Datasheet HTML 2Page - OPTEK Technologies OPB800 Datasheet HTML 3Page - OPTEK Technologies OPB800 Datasheet HTML 4Page - OPTEK Technologies OPB800 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B
02/2013
Page 3 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Wide Gap Slotted Optical Switch
OPB800 & OPB810 (L and W Series)
Notes:
(1)
Derate linearly 1.67 mW/° C above 25° C.
(2)
RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(3)
All parameters tested using pulse technique.
(4)
Methanol or isopropanol are recommended as cleaning agents. Plastic housing is soluble in chlorinated hydrocarbons and ketones.
(5)
The W Series includes wire terminations of 24” (610 mm) 7-strand, 26 AWG UL insulated wire on each terminal. Each device
incorporates a wire strain relief at the housing surface. The insulation functions and colors are: anode (red), cathode (black),
phototransistor collector (white) and phototransistor emitter (green).
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
-
-
1.7
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR = 2 V
Output Phototransistor
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
-
-
V
IC = 1 mA
V(BR)ECO
Emitter-Collector Breakdown Voltage
5
-
-
V
IE = 100 µA
ICEO
Collector-Emitter Dark Current
-
-
100
nA
VCE = 10 V
VCE(SAT)
Collector-Emitter Saturation Voltage
Parameter A
(OPB800,OPB810)
Parameter B
(OPB801,OPB811)
Parameter C
(OPB802,OPB812)
-
-
-
-
-
-
0.4
0.4
0.6
V
V
V
IC = 250 µA, IF = 20 mA
IC = 500 µA, IF = 10 mA
IC = 1800 µA, IF = 20 mA
IC(ON)
On-State Collector Current
Parameter A
(OPB800,OPB810)
Parameter B
(OPB801,OPB811)
Parameter C
(OPB802,OPB812)
0.625
1.25
2.25
-
-
-
-
-
-
mA
VCE = 10 V, IF = 20 mA
VCE = 5 V, IF = 10 mA
VCE = 0.6 V, IF = 20 mA
Combined


Similar Part No. - OPB800

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB800 TTELEC-OPB800 Datasheet
666Kb / 5P
   Wide Gap Slotted Optical Switch
logo
OPTEK Technologies
OPB800L OPTEK-OPB800L Datasheet
359Kb / 4P
   WIDE GAP SLOTTED OPTICAL SWITCHES
OPB800L OPTEK-OPB800L Datasheet
368Kb / 4P
   WIDE GAP SLOTTED OPTICAL SWITCHES
logo
TT Electronics.
OPB800L51Z TTELEC-OPB800L51Z Datasheet
666Kb / 5P
   Wide Gap Slotted Optical Switch
logo
OPTEK Technologies
OPB800L55 OPTEK-OPB800L55 Datasheet
404Kb / 4P
   WIDE GAP SLOTTED OPTICAL SWITCHES
More results

Similar Description - OPB800

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB800 TTELEC-OPB800 Datasheet
666Kb / 5P
   Wide Gap Slotted Optical Switch
OPB900 TTELEC-OPB900 Datasheet
633Kb / 4P
   Slotted Optical Switch Wide Gap Series
logo
OPTEK Technologies
OPB800L OPTEK-OPB800L_06 Datasheet
368Kb / 4P
   WIDE GAP SLOTTED OPTICAL SWITCHES
OPB800L OPTEK-OPB800L Datasheet
359Kb / 4P
   WIDE GAP SLOTTED OPTICAL SWITCHES
OPB800W OPTEK-OPB800W Datasheet
404Kb / 4P
   WIDE GAP SLOTTED OPTICAL SWITCHES
OPB815W OPTEK-OPB815W Datasheet
185Kb / 2P
   DEEP GAP SLOTTED OPTICAL SWITCH
OPB815W OPTEK-OPB815W_06 Datasheet
195Kb / 2P
   DEEP GAP SLOTTED OPTICAL SWITCH
OPB900 OPTEK-OPB900 Datasheet
371Kb / 4P
   Photologic짰 Slotted Optical Switch ?쏻ide Gap??Series
logo
TT Electronics.
OPB902W55Z TTELEC-OPB902W55Z Datasheet
633Kb / 4P
   Photologic 짰 Slotted Optical Switch ?쏻ide Gap??Series
OPB901L55 TTELEC-OPB901L55 Datasheet
633Kb / 4P
   Photologic 짰 Slotted Optical Switch ?쏻ide Gap??Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com