Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2101 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SD2101
Description  Silicon NPN Triple Diffused
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD2101 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SD2101 Datasheet HTML 1Page - Hitachi Semiconductor 2SD2101 Datasheet HTML 2Page - Hitachi Semiconductor 2SD2101 Datasheet HTML 3Page - Hitachi Semiconductor 2SD2101 Datasheet HTML 4Page - Hitachi Semiconductor 2SD2101 Datasheet HTML 5Page - Hitachi Semiconductor 2SD2101 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SD2101
4
0.1
0.3
1.0
3
10
Collector current IC (A)
0.1
0.3
1.0
3
10
30
100
Saturation Voltage vs. Collector Current
TC = 25°C
VBE (sat)
VCE (sat)
lC/lB = 200
500
200
0.1
0.3
1.0
3
10
1 m
10 m
100 m
1.0
10
100
1,000
Time t (s)
Transient Thermal Resistance
TC = 25°C


Similar Part No. - 2SD2101

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SD2101 RENESAS-2SD2101 Datasheet
150Kb / 7P
   Silicon NPN Triple Diffused
logo
Savantic, Inc.
2SD2101 SAVANTIC-2SD2101 Datasheet
113Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD2101 JMNIC-2SD2101 Datasheet
108Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD2101 ISC-2SD2101 Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD2101 SAVANTIC-2SD2101 Datasheet
115Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD2101

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
2SD2300 HITACHI-2SD2300 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SD2107 HITACHI-2SD2107 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
2SC1881 HITACHI-2SC1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SC2611 HITACHI-2SC2611 Datasheet
30Kb / 6P
   Silicon NPN Triple Diffused
2SC4499 HITACHI-2SC4499 Datasheet
39Kb / 8P
   Silicon NPN Triple Diffused
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
   Silicon NPN Triple Diffused
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
   Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com