Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2115 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SD2115
Description  Silicon NPN Epitaxial Planar(Low frequency power amplifier)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD2115 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SD2115 Datasheet HTML 1Page - Hitachi Semiconductor 2SD2115 Datasheet HTML 2Page - Hitachi Semiconductor 2SD2115 Datasheet HTML 3Page - Hitachi Semiconductor 2SD2115 Datasheet HTML 4Page - Hitachi Semiconductor 2SD2115 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SD2115(L)/(S)
Silicon NPN Epitaxial Planar
Application
Low frequency power amplifier
Outline
4
12
3
4
3
2
1
1. Base
2. Collector
3. Emitter
4. Collector
DPAK
S Type
L Type
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Rating
Unit
Collector to base voltage
V
CBO
150
V
Collector to emitter voltage
V
CEO
60
V
Emitter to base voltage
V
EBO
5V
Collector current
I
C
2A
Collector peak current
I
C(peak)
2.5
A
Collector power dissipation
P
C*
1
18
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Value at T
C = 25°C.


Similar Part No. - 2SD2115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD2115 ETC1-2SD2115 Datasheet
55Kb / 2P
   Power Bipolar Transistors
logo
Renesas Technology Corp
2SD2115 RENESAS-2SD2115 Datasheet
145Kb / 6P
   Silicon NPN Epitaxial Planar
2SD2115L RENESAS-2SD2115L Datasheet
145Kb / 6P
   Silicon NPN Epitaxial Planar
2SD2115S RENESAS-2SD2115S Datasheet
145Kb / 6P
   Silicon NPN Epitaxial Planar
logo
Guangdong Kexin Industr...
2SD2115S KEXIN-2SD2115S Datasheet
37Kb / 1P
   Silicon NPN Epitaxial
More results

Similar Description - 2SD2115

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1214 HITACHI-2SC1214 Datasheet
37Kb / 7P
   Silicon NPN Epitaxial Low frequency amplifier
logo
KEC(Korea Electronics)
KTC3265 KEC-KTC3265 Datasheet
250Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER,POWER SWITCHING)
logo
Sanyo Semicon Device
MCH4020 SANYO-MCH4020_12 Datasheet
470Kb / 11P
   NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier
logo
Wing Shing Computer Com...
2SC1061 WINGS-2SC1061 Datasheet
69Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SC1827 WINGS-2SC1827 Datasheet
69Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SC2233 WINGS-2SC2233 Datasheet
65Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD1437 WINGS-2SD1437 Datasheet
69Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD613 WINGS-2SD613 Datasheet
69Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
Sanyo Semicon Device
MCH4021 SANYO-MCH4021 Datasheet
276Kb / 9P
   NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier
logo
Renesas Technology Corp
2SD2655 RENESAS-2SD2655 Datasheet
69Kb / 6P
   Silicon NPN Epitaxial Planer Low Frequency Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com