Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD5410-001 Datasheet(PDF) 10 Page - Honeywell Accelerometers

Part # SD5410-001
Description  Infrared Sensors Line Guide
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SD5410-001 Datasheet(HTML) 10 Page - Honeywell Accelerometers

Back Button SD5410-001 Datasheet HTML 6Page - Honeywell Accelerometers SD5410-001 Datasheet HTML 7Page - Honeywell Accelerometers SD5410-001 Datasheet HTML 8Page - Honeywell Accelerometers SD5410-001 Datasheet HTML 9Page - Honeywell Accelerometers SD5410-001 Datasheet HTML 10Page - Honeywell Accelerometers SD5410-001 Datasheet HTML 11Page - Honeywell Accelerometers SD5410-001 Datasheet HTML 12Page - Honeywell Accelerometers SD5410-001 Datasheet HTML 13Page - Honeywell Accelerometers SD5410-001 Datasheet HTML 14Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
contaminants in the optical path. Potential
applications include presence and motion
sensing, position encoding, limit sensing,
movement detection, and counting.
HOA2498.
Features:
Choice of phototransistor or
photodarlington output • Focused for
maximum response • Wide operating
temperature -55 °C to 100 °C [-67
°F to 212 °F] • Metal-can packaged
components
Benefits:
An infrared emitter and
phototransistor or photodarlington
encased side-by-side on optical axes.
Detector responds to radiation from
infrared emitter only when a reflective
object passes within its field of view.
Potential applications include presence
sensing, motion sensing, position
encoding, limit sensing, movement
detection, and counting.
LOW LIGHT REJECTION
PHOTOTRANSISTORS
SDP8475-201.
Features:
T-1 plastic package • Low light
level immunity • 20° (nominal) acceptance
angle • Mechanically and spectrally
matched to SEP8505 and SEP8705
infrared emitters
Benefits:
Phototransistor with internal
base-emitter shunt resistance. Transfer
molding of this device provides enhanced
optical centerline performance. Lead
lengths are staggered to provide a
simple method of polarity identification.
Provides high contrast ratio in reflective
applications where unwanted background
reflection is a possibility. Potential
applications include those which require
ambient light rejection, or in transmissive
applications where the interrupter media is
semi-transparent to infrared energy.
SDP8476-201.
Features:
Side-looking plastic package
• Low light level immunity • 50° (nominal)
acceptance angle • Mechanically and
spectrally matched to SEP8506 and
SEP8706 infrared emitters
Benefits:
Phototransistor with internal
base-emitter shunt resistance. Transfer
molding of this device provides enhanced
optical centerline performance. Lead
lengths are staggered to provide a
simple method of polarity identification.
Provides high contrast ratio in reflective
applications where unwanted background
reflection is a possibility. Potential
applications include those which require
ambient light rejection, or in transmissive
applications where the interrupter media is
semi-transparent to infrared energy.
TRANSMISSIVE SENSORS
HOA1877.
Features:
Choice of phototransistor or
photodarlington output • Wide operating
temperature -55 °C to 100 °C [-67 °F to
212 °F] • 12,7 mm [0.5 in] high optical axis
position • 9,52 mm [0.375 in] slot width
• Metal can packaged components
Benefits:
An infrared emitter facing
a phototransistor or photodarlington.
Detector switching takes place whenever
an opaque object passes through the slot
between emitter and detector.
HOA0825.
Features:
Phototransistor output • Four
mounting configurations • 4,2 mm [0.165
in] slot • Plastic-molded components
Benefits:
An infrared emitter facing a
phototransistor or photodarlington. Slot in
the housing between emitter and detector
provides the means for mechanically
interrupting the emitter beam.
Phototransistor switching takes place
when an opaque object passes through
the slot between emitter and detector.
HOA086X.
Features:
Phototransistor output
• Often accurate position sensing
• Four mounting configurations • 3,18 mm
[0.125 in] slot width • Choice of opaque
or IR transmissive housings • Options
include mounting tab configurations, lead
spacing, electro-optical characteristics,
detector aperture size, and housing
materials • Plastic-molded components
Benefits:
An IR transmissive polysulfone
housing features smooth optical faces
without external aperture openings
(desirable when aperture blockage from
airborne contaminants is a possibility).
HOA1879.
Features:
Phototransistor output
• Often accurate position sensing
• Choice of detector aperture • 3,18 mm
[0.125 in] slot width • Dust protective
housing • Plastic-molded components
Benefits:
Infrared emitter facing a
phototransistor. Switching takes place
whenever an opaque object passes
through the slot between emitter and
detector. Employs an IR transmissive
housing which features smooth optical
faces without external aperture openings
(desirable when aperture blockage from
airborne contaminants is a possibility).
Often ideal where maximum position
resolution is desired.
HOA1882.
Features:
Choice of phototransistor
or photodarlington output • Compact
package size • Dust protective housing
• 5,08 mm [0.200 in] slot width • Plastic-
molded components
Benefits:
An infrared emitter facing
a phototransistor or photodarlington.
Detector switching takes place when an
opaque object passes through the slot
between emitter and detector. Employs
an IR transmissive housing which
features smooth optical faces without
external aperture openings; desirable
when aperture blockage from airborne
contaminants is a possibility.
HOA088X.
Features:
Phototransistor output • Four
mounting configurations • Often accurate
position sensing • 3,18 mm [0.125 in] slot
width • 24 in [610 mm] min. 26 AWG UL
1429 leads • Opaque or IR transmissive
housings • Options of mounting tab
configurations, lead spacing, electro-
optical characteristics, & detector aperture
size
10
www.honeywell.com/sensing
Unless otherwise noted,
potential applications include printers and copiers, motion control systems, metering systems, liquid-level
sensing, data storage systems, scanning, automated transaction, drop sensors, and other noninvasive medical equipment.


Similar Part No. - SD5410-001

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SD5410-001 HONEYWELL-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
More results

Similar Description - SD5410-001

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SD5410-001 HONEYWELL-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
HOA0901-011 HONEYWELL-ACC-HOA0901-011 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA0901-012 HONEYWELL-ACC-HOA0901-012 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
SE1450-004 HONEYWELL-SE1450-004 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD1420-002 HONEYWELL-ACC-SD1420-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SEP8736-002 HONEYWELL-ACC-SEP8736-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SDP8406-001 HONEYWELL-ACC-SDP8406-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
135-105QAF-J01 HONEYWELL-135-105QAF-J01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
ICL1250002-01 HONEYWELL-ACC-ICL1250002-01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com