Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31403-3700 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 31403-3700
Description  2.54mm MX64 Sealed Single Row Crimp Housing
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

31403-3700 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  31403-3700 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
31403-3700
Status:
Active
Overview:
MX64 Sealed Single Row Connectors
Description:
2.54mm MX64™ Sealed Single Row Crimp Housing, MX64™ Terminal, Black, 3
Circuits, Mating Part: Keying D, without CPA Lock
Documents:
3D Model
Product Specification PS-34646-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-31402-000 (PDF)
General
Product Family
Crimp Housings
Series
31403
Application
Power
More Detailed Tech Information
http://ewcap.uscarteams.org
Overview
MX64 Sealed Single Row Connectors
Product Name
MX64™, USCAR
UPC
822348792955
Physical
Circuits (maximum)
3
Color - Resin
Black
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
None
Material - Resin
Modified Polystyrene Alloy, Polyester
Net Weight
4.762/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.54mm
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
10A
Material Info
Old Part Number
CVP31403-3700
Reference - Drawing Numbers
Product Specification
PS-31402-000, PS-34646-001
Sales Drawing
SD-31402-211
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
31403Series
Mates With
Sensors, Other USCAR Interfaces
Use With
Molex MX64™ Terminals 33467 , 33468
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 31403-3700

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
31403-3710 MOLEX11-31403-3710 Datasheet
58Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
More results

Similar Description - 31403-3700

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
31403-2210 MOLEX11-31403-2210 Datasheet
38Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-2600 MOLEX11-31403-2600 Datasheet
38Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-3710 MOLEX11-31403-3710 Datasheet
58Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31404-3700 MOLEX11-31404-3700 Datasheet
53Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31402-3100 MOLEX11-31402-3100 Datasheet
53Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31404-6110 MOLEX11-31404-6110 Datasheet
54Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31402-2110 MOLEX11-31402-2110 Datasheet
38Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-3110 MOLEX11-31403-3110 Datasheet
58Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-6111 MOLEX11-31403-6111 Datasheet
54Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31404-6210 MOLEX11-31404-6210 Datasheet
54Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31404-6800 MOLEX11-31404-6800 Datasheet
54Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com