Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ160 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 2SJ160
Description  Silicon P-Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ160 Datasheet(HTML) 6 Page - Hitachi Semiconductor

  2SJ160 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ160 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ160 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ160 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ160 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ160 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ160 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ160 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SJ160, 2SJ161, 2SJ162
6
500
–0.5
–10
Drain Current ID (A)
200
20
–0.2
–1.0
–2
5
100
–0.1
10
Switching Time vs. Drain Current
toff
50
–5
ton
Switching Time Test Circuit
Input
PW = 50
µs
duty ratio
= 1%
50
–20 V
Output
RL
Waveforms
Output
ton
10%
90%
10%
90%
Input
toff


Similar Part No. - 2SJ160

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ160 RENESAS-2SJ160 Datasheet
71Kb / 6P
   Silicon P Channel MOS FET
2SJ160-E RENESAS-2SJ160-E Datasheet
71Kb / 6P
   Silicon P Channel MOS FET
2SJ160 RENESAS-2SJ160_15 Datasheet
89Kb / 8P
   Silicon P Channel MOS FET
More results

Similar Description - 2SJ160

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com