Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPN7002S23RG Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPN7002S23RG
Description  N-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN7002S23RG Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPN7002S23RG Datasheet HTML 1Page - SYNC POWER Crop. SPN7002S23RG Datasheet HTML 2Page - SYNC POWER Crop. SPN7002S23RG Datasheet HTML 3Page - SYNC POWER Crop. SPN7002S23RG Datasheet HTML 4Page - SYNC POWER Crop. SPN7002S23RG Datasheet HTML 5Page - SYNC POWER Crop. SPN7002S23RG Datasheet HTML 6Page - SYNC POWER Crop. SPN7002S23RG Datasheet HTML 7Page - SYNC POWER Crop. SPN7002S23RG Datasheet HTML 8Page - SYNC POWER Crop. SPN7002S23RG Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2013/11/12
Ver.4
Page 1
SPN7002
N-Channel Enhancement Mode MOSFET
DESCRIPTION
APPLICATIONS
The SPN7002 is the N-Channel enhancement mode
field effect transistors are produced using high cell
density DMOS technology. These products have been
designed to minimize on-state resistance while provide
rugged, reliable, and fast switching performance. They
can be used in most applications requiring up to
300mA DC and can deliver pulsed currents up to 1.0A.
These products are particularly suited for low voltage,
low current applications such as small servo motor
control, power MOSFET gate drivers, and other
switching applications.
Drivers: Relays, Solenoids, Lamps, Hammers, Display,
Memories, Transistors, etc.
High saturation current capability. Direct
Logic-Level Interface: TTL/CMOS
Battery Operated Systems
Solid-State Relays
FEATURES
PIN CONFIGURATION(SOT-23 , SOT-323)
60V/0.50A , RDS(ON)= 6.0Ω@VGS=10V
60V/0.30A , RDS(ON)= 7.0Ω@VGS=5V
Super high density cell design for extremely low
RDS (ON)
Exceptional on-resistance and maximum DC
current capability
SOT-23 and SOT-323 package design
PART MARKING


Similar Part No. - SPN7002S23RG

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN7002S23RG SYNC-POWER-SPN7002S23RG Datasheet
264Kb / 10P
   N-Channel Enhancement Mode MOSFET
SPN7002S23RGB SYNC-POWER-SPN7002S23RGB Datasheet
264Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - SPN7002S23RG

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com