Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML22P804 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ML22P804
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22P804 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ML22P804 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
AC Characteristics
DVDD = AVDD = 2.7 to 3.6 V, DGND = PGND = AGND = 0 V, Ta = -20 to +85°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Master clock duty cycle
fduty
40
50
60
%
RESET input pulse width
tRST
1
μs
SCK setup time for falling edge of
CS
tCKS
200
ns
SCK hold time for falling edge of
CS
tCKH
200
ns
Data setup time for rising edge of SCK
tDIS1
DIPH = “L”
50
ns
Data hold time for rising edge of SCK
tDIH1
DIPH = “L”
50
ns
Data setup time for rising edge of SCK
tDIS2
DIPH = “H”
50
ns
Data hold time for rising edge of SCK
tDIH2
DIPH = “H”
50
ns
SCK “H” level pulse width
tSCKH
200
ns
SCK “L” level pulse width
tSCKL
200
ns
NCR output delay time for rising edge of SCK
tDN1
DIPH = “L”
150
ns
NCR output delay time for falling edge of SCK
tDN2
DIPH = “H”
150
ns
BUSY output delay time for rising edge of SCK
tDB1
DIPH = “L”
150
ns
BUSY output delay time for falling edge of SCK
tDB2
DIPH = “H”
150
ns
SEL0 and SEL1 setup time for falling edge of
BUSY (*4)
tSB
Memory bank
function used
1
μs
SEL0 and SEL1 hold time for falling edge of
BUSY (*4)
tBS
Memory bank
function used
1
μs
Command input interval time
tINT
fOSC = 4.096 MHz;
At STOP, SLOOP,
CLOOP or VOL
command input
6
μs
Command input enable time
tcm
fOSC = 4.096 MHz;
During continuous
playback;
At SLOOP input
10
ms
“L” level output time of NCR and
BUSY at
PUP1 command input
tPUP1
1.9
2.0
2.1
ms
“L” level output time of NCR and
BUSY at
PUP2 command input
tPUP2
When a 4.096 MHz
external clock is
input
65
66
67
ms
“L” level output time of NCR and
BUSY at
PDWN1 command input
tPD1
6
μs
“L” level output time of NCR and
BUSY at
PDWN2 command input
tPD2
fOSC = 4.096 MHz
63
64
65
ms
NCR “L” level output time 1 (*1)
tNCR1
fOSC = 4.096 MHz
6
μs
NCR “L” level output time 2 (*2)
tNCR2
fOSC = 4.096 MHz;
After phrase data
input by the PLAY
command
4.125
4.38
ms
BUSY “L” level output time (*3)
tBSY
fOSC = 4.096 MHz
6
μs
Note: Output pin load capacitance = 55 pF (Max)
*1:
Applies to cases where a command is input except after a PUP1, PUP2, PDWN1, PDWN2, SLOOP, or
CLOOP command input or except after a phrase data input by the PLAY command.
*2:
Indicates the time when the sampling frequency of the phrase played last was 4 kHz.
For any other
sampling frequency, the NCR “L” output time 2 is proportional to that sampling frequency.
After reset
release, a sampling freuency is set to 4 kHz.
11/41


Similar Part No. - ML22P804

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
ML22PT CHENMKO-ML22PT Datasheet
79Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
More results

Similar Description - ML22P804

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
   ADPCM Speech Synthesis LSI
FEDL22Q394-03 ETC2-FEDL22Q394-03 Datasheet
1Mb / 42P
   ADPCM Speech Synthesis LSI
FEDL22321-01 ETC2-FEDL22321-01 Datasheet
1Mb / 35P
   ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com