Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GN809 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GN809
Description   P r o c e s s o r S u p e r v i s o r y
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GN809 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GN809 Datasheet HTML 1Page - E-Tech Electronics LTD GN809 Datasheet HTML 2Page - E-Tech Electronics LTD GN809 Datasheet HTML 3Page - E-Tech Electronics LTD GN809 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GN809
Page: 2/4
ISSUED DATE :2006/08/18
REVISED DATE :
Pin Description
Pin Name
Pin Description
Gnd
Ground
RESETB
RESETB is active low and push-pull output
VIN
Positive power supply. A reset is asserted after this voltage drops below a predetermined. After VIN rises
above that level the reset output remains asserted until the end of the reset timeout period.
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Input Voltage
VIN
7
V
Input Current, VIN
20
mA
Output Current, RESETB
20
mA
Rate of Rise, VIN
100
V/ s
Ambient Temperature Range
TA
-40 ~ +85
:
Junction Temperature Range
TJ
-40 ~ +125
:
Storage Temperature Range
TSTG
-65 ~ +150
:
Maximum Junction Temperature
Tj Max
150
:
jc
140
/W
:
Thermal Resistance
ja
285
/W
:
Internal Power Dissipation
PD
400
mW
Solder Iron (10 Sec)*
350
:
EDS Classification
B**
Caution: Stress above the listed absolute maximum rating may cause permanent damage of the device
*MIL-STDS-202G 210F
**HBM B: 2000V ~ 3999V
Electrical Characteristics Ta=25 :::: (unless otherwise noted)
Parameter
Symbol
Condition
Min
TYP
Max
Unit
VIN Range
VRange
TA=-40 ~ +85
:
:
1
-
5.5
V
VIN= VTH*1.10
-
-
3.0
Supply Current
IIN
VIN= VTH*1.10, TA=-40 ~ +85
:
:
-
-
5.0
A
VTH(NOM)
-1.5%
-
VTH(NOM)
+1.5%
Reset Threshold Voltage
VTH
TA=-40 ~ +85
:
:
VTH(NOM)
-2.0%
-
VTH(NOM)
+2.0%
mV
Hysteresis Range (Note2)
VHYST
VRelease-VTH (Note1)
10
30
60
mV
RESET Threshold
Tempco (Note2)
30
50
160
ppm
RESETB Output
Voltage Low
VOL
VIN<VTH(MIN), ISINK=1.2mA
TA=-40 ~ +85
:
:
-
-
0.2
V
ISOURCE=0.5mA
VIN>1.8V
RESETB Output
Voltage High
VOH
VIN>VTH(MAX)
ISOURCE=0.15mA
1.8V VIN>1.0V
0.8*VIN
-
-
V
VIN to Reset Delay
TD1
VIN= VTH-100mV, TA=-40 ~ +85
:
:
-
40
-
S
Reset Timeout Period
TD2
TA=-40 ~ +85
:
:
80
150
230
mS
Note 1: The data based on VTH=2.7V part type.
2: Guaranteed by Design


Similar Part No. - GN809

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GN809 GTM-GN809 Datasheet
370Kb / 4P
   UPROCESSOR SUPERVISORY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com