Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSSC0402-1NF Datasheet(PDF) 1 Page - Micross Components

Part # HSSC0402-1NF
Description  High Stability & Reliability Capacitor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HSSC0402-1NF Datasheet(HTML) 1 Page - Micross Components

  HSSC0402-1NF Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Stability & Reliability
Capacitor
HSSC0402 1nF
935.131.424.410
Key Features
• High Stability up to 200°C;
• Temperature <±0.5% (-55 to +150°C)
• Voltage < 0.1 % / V
• Negligible Ageing < 0.001% / 1000hours
• Unique High Capacitance in EIA/1005 Package Size, up to
1.5nF
• High Reliability (FIT < 0.017 parts / billion hours)
• Low Leakage Current down to 100pA
• Low ESL and Low ESR
• Suitable with Lead Free Reflow-Soldering
Key Applications
• All Demanding Applications such as Military, Aerospace,
Automotive Industry
• High Stability Applications
• Decoupling / Filtering / Charge Pump (ie. Pacemakers /
Defibrillators)
• Devices with Battery Operations
• Replacement of X7R and NP0
• Downsizing
2 & 4 Hellesdon Park Road, Norwich, Norfolk, NR6 5DR
+44 (0)1603 788967
www.micross.com
chipcomponents@micross.com
Pb
The IPDiA Technology offers industry leading performances
relative to failure rate with a FIT<0.017. This technology also
offers high reliability, up to 10 times better than alternative
capacitor technologies & eliminates cracking phenomena.
This silicon based technology is RoHS compliant and
compatible with lead free reflow soldering process.
Part Number
935.132.
B. 2
S.
U.
xx
Breakdown
Size:
Unit:
Value
ie. 1.5nF/0201 case (HSSC type)
935.131.422.415
Voltage:
2 = 1005
0 = 10f
5 = 1n
4 = 11V
3 = 0201
1 = 0.1p 6 = 10n
7 = 30V
4 = 0402
2 = 1p
7 = 0.1u
3 = 10p 8 = 1u
4 = 0.1n 9 = 10u
Parameters
Value
Capacitance Range 1.5nF
Capacitance Tolerances ±15%
Operating Temperature Range -55°C to 150°C
Storage Temperatures -70°C to 165°C
Temperature Coefficient <±0.5%, from -55°C to +150°C
Breakdown Voltage (BV) 11VDC
Capacitance Variation Vs. RVDC 0.1% IV (from 0 V to RVDC)
Equivalent Serial Inductor (ESL) Max 100pH
Equivalent Serial Resistor (ESR) Max 200mΩ
Insulation Resistance 100GΩ min @ 3V, from -55°C to +150°C
Ageing Negligible, < 0.001% / 1000h
Reliability FIT < 0.017 parts / billion hours
Capacitor Height Max 400µm


Similar Part No. - HSSC0402-1NF

ManufacturerPart #DatasheetDescription
logo
Micross Components
HSSC0402-100NF MICROSS-HSSC0402-100NF Datasheet
231Kb / 1P
   High Stability & Reliability Capacitor
HSSC0402-100PF MICROSS-HSSC0402-100PF Datasheet
231Kb / 1P
   High Stability & Reliability Capacitor
HSSC0402-10NF MICROSS-HSSC0402-10NF Datasheet
231Kb / 1P
   High Stability & Reliability Capacitor
More results

Similar Description - HSSC0402-1NF

ManufacturerPart #DatasheetDescription
logo
Micross Components
HSSC0201-10NF MICROSS-HSSC0201-10NF Datasheet
231Kb / 1P
   High Stability & Reliability Capacitor
HSSC0402-470PF MICROSS-HSSC0402-470PF Datasheet
231Kb / 1P
   High Stability & Reliability Capacitor
HSSC0402-100NF MICROSS-HSSC0402-100NF Datasheet
231Kb / 1P
   High Stability & Reliability Capacitor
HSSC0805-100NF MICROSS-HSSC0805-100NF Datasheet
231Kb / 1P
   High Stability & Reliability Capacitor
HSSC1812-33F MICROSS-HSSC1812-33F Datasheet
231Kb / 1P
   High Stability & Reliability Capacitor
HSSC0402-100PF MICROSS-HSSC0402-100PF Datasheet
231Kb / 1P
   High Stability & Reliability Capacitor
HSSC0402-22NF MICROSS-HSSC0402-22NF Datasheet
231Kb / 1P
   High Stability & Reliability Capacitor
HSSC0402-33NF MICROSS-HSSC0402-33NF Datasheet
231Kb / 1P
   High Stability & Reliability Capacitor
HSSC0402-47NF-30V MICROSS-HSSC0402-47NF-30V Datasheet
231Kb / 1P
   High Stability & Reliability Capacitor
HSSC0402-10NF MICROSS-HSSC0402-10NF Datasheet
231Kb / 1P
   High Stability & Reliability Capacitor
HSSC0603-100NF MICROSS-HSSC0603-100NF Datasheet
231Kb / 1P
   High Stability & Reliability Capacitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com