Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-4516CD641ES-A10 Datasheet(PDF) 11 Page - NEC

Part # MC-4516CD641ES-A10
Description  16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-4516CD641ES-A10 Datasheet(HTML) 11 Page - NEC

  MC-4516CD641ES-A10 Datasheet HTML 1Page - NEC MC-4516CD641ES-A10 Datasheet HTML 2Page - NEC MC-4516CD641ES-A10 Datasheet HTML 3Page - NEC MC-4516CD641ES-A10 Datasheet HTML 4Page - NEC MC-4516CD641ES-A10 Datasheet HTML 5Page - NEC MC-4516CD641ES-A10 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 6 page
background image
Data Sheet M14014EJ5V0DS00
11
MC-4516CD641ES, 4516CD641PS
(2/2)
Byte No.
Function Described
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Notes
32
Command and address
-A80
20H
0
0
1
0
0
0
0
0
2 ns
signal setup time
-A10
20H
0
0
1
0
0
0
0
0
2 ns
33
Command and address
-A80
10H
0
0
0
1
0
0
0
0
1 ns
signal hold time
-A10
10H
0
0
0
1
0
0
0
0
1 ns
34
Data signal input setup time
-A80
20H
0
0
1
0
0
0
0
0
2 ns
-A10
20H
0
0
1
0
0
0
0
0
2 ns
35
Data signal input hold time
-A80
10H
0
0
0
1
0
0
0
0
1 ns
-A10
10H
0
0
0
1
0
0
0
0
1 ns
36-61
00H
0
0
0
0
0
0
0
0
62
SPD revision
-A80
12H
0
0
0
1
0
0
1
0
1.2 A
-A10
12H
0
0
0
1
0
0
1
0
1.2 A
63
Checksum
-A80
E8H
1
1
1
0
1
0
0
0
for bytes 0 - 62
-A10
4EH
0
1
1
0
1
1
1
0
64-71
Manufacture’s JEDEC ID code
72
Manufacturing location
73-90
Manufacture’s P/N
91-92
Revision code
93-94
Manufacturing date
95-98
Assembly serial number
99-125
Mfg specific
126
Intel specification frequency
-A80
64H
0
1
1
0
0
1
0
0
100 MHz
-A10
64H
0
1
1
0
0
1
0
0
100 MHz
127
Intel specification /CAS
-A80
C7H
1
1
0
0
0
1
1
1
latency support
-A10
C5H
1
1
0
0
0
1
0
1
Timing Chart
Refer to the SYNCHRONOUS DRAM MODULE TIMING CHART Information (M13348E).


Similar Part No. - MC-4516CD641ES-A10

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4516CD641ES-A10 ELPIDA-MC-4516CD641ES-A10 Datasheet
154Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
More results

Similar Description - MC-4516CD641ES-A10

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4516CD641ES ELPIDA-MC-4516CD641ES Datasheet
154Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-4516CD642XS ELPIDA-MC-4516CD642XS Datasheet
136Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-45V16AD642KS ELPIDA-MC-45V16AD642KS Datasheet
147Kb / 16P
   16M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CB64ESB NEC-MC-458CB64ESB Datasheet
126Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-458CB641ES ELPIDA-MC-458CB641ES Datasheet
151Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB64ESB ELPIDA-MC-458CB64ESB Datasheet
141Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CB641ES NEC-MC-458CB641ES Datasheet
137Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-458CB642XS ELPIDA-MC-458CB642XS Datasheet
135Kb / 14P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-4516CB64ES NEC-MC-4516CB64ES Datasheet
129Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
MC-4516CD64ES NEC-MC-4516CD64ES Datasheet
130Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com