Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-1402Z Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-1402Z
Description  Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-1402Z Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-1402Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-1402Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-1402Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-1402Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-1402Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-1402Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-1402Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-1402Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-1402Z Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Application Literature
Title
Description
Application Note 1065
Complete Solutions for IEEE 802.5J Fiberoptic Token Ring
Application Note 1121
DC to 32 MBd Fiberoptic Solutions
Application Note 1122
2 to 70 MBd Fiberoptic Solutions
Application Note 1123
20 to 160 MBd Fiberoptic Solutions
Application Note 1137
Generic Printed Circuit Layout Rules
Applications Support Guide
This section gives the designer information necessary
to use the 820 nm Miniature Link Series components to
make a functional optical transmission link.
Avago offers evaluation kits for hands-on experience with
fiber optic products as well as a wide range of application
notes complete with circuit diagrams and board layouts.
Furthermore, Avago’s application support group is always
ready to assist with any design consideration.
Evaluation Kits
Avago offers fiber optic kits that facilitate a simple means
to evaluate and experience our products. These fiber op-
tic kits contain all the components and tools required for
customers to quickly evaluate and access the value of our
products within their respective applications.
HFBR-0410Z ST Evaluation Kit
DC to 5 MBd 820 nm Fiber Optic Eval Kit
Contains the following:
One HFBR-1412Z transmitter
One HFBR-2412Z receiver
Eval board
Related literature
HFBR-0416Z Evaluation Kit
125 MBd 820 nm Fiber Optic Eval Kit
Contains the following:
One HFBR-1414Z transmitter
One HFBR-2416Z receiver
Eval board
Related literature


Similar Part No. - HFBR-1402Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1402Z AVAGO-HFBR-1402Z Datasheet
315Kb / 25P
   RoHS Compliant
HFBR-1402Z AVAGO-HFBR-1402Z Datasheet
716Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
logo
Broadcom Corporation.
HFBR-1402Z BOARDCOM-HFBR-1402Z Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1402Z AVAGO-HFBR-1402Z_13 Datasheet
716Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
More results

Similar Description - HFBR-1402Z

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14XXZ BOARDCOM-HFBR-14XXZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1402Z AVAGO-HFBR-1402Z_13 Datasheet
716Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
logo
Agilent(Hewlett-Packard...
HFBR-0400 HP-HFBR-0400 Datasheet
700Kb / 31P
   Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
   Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2414Z AVAGO-HFBR-2414Z Datasheet
1Mb / 2P
   Threaded ST Port Option for Low Cost Miniature Link Components
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-2409Z AVAGO-AFBR-2409Z Datasheet
246Kb / 6P
   50 MBd Miniature Link Fiber Optic Receiver
AFBR-24X8XZ AVAGO-AFBR-24X8XZ Datasheet
239Kb / 6P
   DC-50MBd Miniature Link Fiber Optic Receiver
AFBR-24X9XZ AVAGO-AFBR-24X9XZ Datasheet
246Kb / 6P
   50 MBd Miniature Link Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com