Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE4N73D Datasheet(PDF) 4 Page - Micross Components

Part # ICE4N73D
Description  N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

ICE4N73D Datasheet(HTML) 4 Page - Micross Components

  ICE4N73D Datasheet HTML 1Page - Micross Components ICE4N73D Datasheet HTML 2Page - Micross Components ICE4N73D Datasheet HTML 3Page - Micross Components ICE4N73D Datasheet HTML 4Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Drain to Source Breakdown Voltage vs. Junction Temperature
-50
25
50
75
100 125
150
0
-25
V
DS- Drain to Source Voltage (V)
T
J - Junction Temperature (°C)
t - Time (seconds)
Maximum Rate Forward Biased Safe Operating Area
Transient Thermal Response - Junction to Case
Single Pulse
Tc = 25°C
T = 150°C
V
GS = 10V
R
DS (ON) Limit
Package Limit
Thermal Limit
0.5
0.2
0.1
10us
100us
1ms
10ms
DC
0.05
0.02
Single Pulse
0.1
0.01
0.00
0.9
0.95
1.0
1
0.10
1.05
10
100
1.00
1.15
1.1
0.01
1
0.1
1.0E-04
1.0E-03
1.0E-05
1.0E-00
1.0E-01
1.0E-02
100
1000
10
V
DS- Drain to Source Voltage (V)
Capacitance
Crss
Coss
Ciss
1000
200
100
400
300
500
600
700
800
900
1
0
40
50
30
10
20
I
D = 250µA
T
J - Junction Temperature (°C)
Gate Threshold Voltage vs. Junction Temperature
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-50
25
50
75
100
125
150
0
-25
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603 788920, Web: www.micross.com, Email: chipcomponents@micross.com
4
Notes:
P
DM
t1
t1
t2
t2
Duty Cycle, D =
ICE4N73D
I
D = 250µA


Similar Part No. - ICE4N73D

ManufacturerPart #DatasheetDescription
logo
Icemos Technology
ICE4N73D ICEMOS-ICE4N73D Datasheet
646Kb / 8P
   Enhancement Mode MOSFET
More results

Similar Description - ICE4N73D

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com