Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ506 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SJ506
Description  Silicon P Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ506 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SJ506 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ506 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ506 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ506 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ506 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ506 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ506 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ506 Datasheet HTML 8Page - Hitachi Semiconductor 2SJ506 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2SJ506(L), 2SJ506(S)
Silicon P Channel MOS FET
High Speed Power Switching
ADE-208-548
Target Specification 1st. Edition
Features
• Low on-resistance
R
DS(on) = 0.065 Ω typ. (at VGS = –10V, ID = –5A)
• Low drive current
• High speed switching
• 4V gate drive devices.
Outline
1 2
3
4
4
1 2
3
1. Gate
2. Drain
3. Source
4. Drain
DPAK–2
D
G
S


Similar Part No. - 2SJ506

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ506 RENESAS-2SJ506 Datasheet
89Kb / 8P
   Silicon P Channel MOS FET
2SJ506(L) RENESAS-2SJ506(L)_15 Datasheet
108Kb / 10P
   Silicon P Channel MOS FET
2SJ506L RENESAS-2SJ506L Datasheet
89Kb / 8P
   Silicon P Channel MOS FET
2SJ506L-E RENESAS-2SJ506L-E Datasheet
89Kb / 8P
   Silicon P Channel MOS FET
2SJ506S RENESAS-2SJ506S Datasheet
89Kb / 8P
   Silicon P Channel MOS FET
More results

Similar Description - 2SJ506

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com