Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE60N800D Datasheet(PDF) 1 Page - Micross Components

Part # ICE60N800D
Description  N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

ICE60N800D Datasheet(HTML) 1 Page - Micross Components

  ICE60N800D Datasheet HTML 1Page - Micross Components ICE60N800D Datasheet HTML 2Page - Micross Components ICE60N800D Datasheet HTML 3Page - Micross Components ICE60N800D Datasheet HTML 4Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICE60N800D
N-Channel Enhancement Mode MOSFET
Features:
Low
rDS(on)
Ultra Low Gate Charge
High dv/dt Capability
High Unclamped Inductive Switching (UIS) Capability
High Peak Current Capability
Increased Transconductance Performance
Optimized Design For High Performance Power Systems
Symbol
Parameter
Value
Unit
Conditions
ID
Continous Drain Current
5
A
TC = 25°C
ID, pulse
Pulsed Drain Current
15
A
TC = 25°C
EAS
Avalanche Energy, Single Pulse
120
mJ
ID = 2.5A
IAR
Avalanche Current, Repetitive
2.5
A
Limited by Tjmax
dv/dt
MOSFET dv/dt Ruggedness
50
V/ns
VDS = 480V, ID = 5A, Tj = 125°C
VGS
Gate Source Voltage
±20
V
Static
±30
AC (f>Hz)
Ptot
Power Dissipation
57
W
TC = 25°C
Tj, Tstg
Operating and Storage Temperature
-55 to +150
°C
Mounting Torque
60
Ncm
M 3 & 3.5 screws
Maximum Ratings @ Tj = 25°C, Unless Otherwise Specified
Product Summary
ID
TA = 25°C
5A
Max
V(BR)DSS
ID = 250uA
600V
Min
rDS(ON)
VGS = 10V
0.65Ω
Typ
Qg
VDS = 480V
21nC
Typ
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603 788920, Web: www.micross.com, Email: chipcomponents@micross.com
1
Thermal Characteristics
RthJC
Thermal Resistance, Junction to Case
-
-
2.2
°C/W
RthJA
Thermal Resistance, Junction to Ambient
-
-
68
Leaded
Tsold
Soldering Temperature, Wave Soldering Only
Allowed At Leads
-
-
260
°C
1.6mm (0.063in.) from Case for 10s
Pin Description:
TO-252
D
G
S
Symbol
Parameter
Values
Unit
Conditions
Min
Typ
Max
Electrical Characteristics @ Tj = 25°C, Unless Otherwise Specified
Static Characteristics
V(BR)DSS
Drain to Source Breakdown Voltage
600
-
-
V
VGS = 0V, ID = 250µA
V
GS(th)
Gate Threshold Voltage
2.1
3
3.9
VDS = VGS, ID = 250µA
IDSS
Zero Gate Voltage Drain Current
-
0.1
1
µA
VDS = 600V, VGS = 0V, Tj = 25°C
-
-
100
VDS = 600V, VGS = 0V, Tj = 150°C
IGSS
Gate Source Leakage Current
-
-
100
nA
VGS = ±20v, VDS = 0V
RDS(on)
Drain to Source On-State Resistance
-
0.65
0.8
VGS = 10V, ID = 2.5A, Tj = 25°C
-
1.7
-
VGS = 10V, ID = 2.5A, Tj = 150°C
RGS
Gate Resistance
-
6
-
f = 1 MHz, open drain


Similar Part No. - ICE60N800D

ManufacturerPart #DatasheetDescription
logo
Icemos Technology
ICE60N800D ICEMOS-ICE60N800D Datasheet
718Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - ICE60N800D

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com