Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ555 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 2SJ555
Description  Silicon P Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ555 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SJ555 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ555 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ555 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ555 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ555 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ555 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ555 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ555 Datasheet HTML 8Page - Hitachi Semiconductor 2SJ555 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2SJ555
5
1000
500
200
50
100
20
10
–0.1 –0.3
–3
0
–10
–20
–30
–40
–50
2000
1000
500
0
–20
–40
–60
–80
0
0
–4
–8
–12
–16
–20
–100
80
160
240
320
400
1000
200
500
100
20
50
10
–0.1 –0.3
–1
–3
–10
–1
–30
200
100
DS
V
GS
V
V
= –50 V
–25 V
–10 V
DD
–100
V
= –10 V
–25 V
–50 V
DD
5000
–30
–100
r
t
d(off)
t
t f
d(on)
t
–10
di / dt = 50 A / µs
V
= 0, Ta = 25 °C
GS
V
= –10 V, V
= –30 V
PW = 10 µs, duty < 1 %
GS
DD
=
I = –60 A
D
10000
20000
50000
Ciss
Coss
Crss
V
= 0
f = 1 MHz
GS
Reverse Drain Current
I
(A)
DR
Body–Drain Diode Reverse
Recovery Time
Drain to Source Voltage V
(V)
DS
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge
Qg (nc)
Dynamic Input Characteristics
Drain Current
I
(A)
D
Switching Characteristics


Similar Part No. - 2SJ555

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ555 RENESAS-2SJ555 Datasheet
90Kb / 8P
   Silicon P Channel MOS FET
2SJ555-E RENESAS-2SJ555-E Datasheet
90Kb / 8P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
More results

Similar Description - 2SJ555

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ506 HITACHI-2SJ506 Datasheet
50Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com