Electronic Components Datasheet Search |
|
ICE73N199 Datasheet(PDF) 2 Page - Micross Components |
|
ICE73N199 Datasheet(HTML) 2 Page - Micross Components |
2 / 4 page ICE73N199 Dynamic Characteristics Ciss Input Capacitance - 2020 - pF VGS = 0V, VDS = 25V, f = 1 MHz Coss Output Capacitance - 980 - Crss Reverse Transfer Capacitance - 9 - gfs Transconductance - 19 - S VDS = >2*ID* RDS, ID = 5A td(on) Turn-on Delay Time - 39 - nS VDS = 380V, VGS = 10V, ID = 10A, RG = 4Ω (External) Tr Rise Time - 3.5 - td(off) Turn-off Delay Time - 55 - tf Fall Time - 7 - Symbol Parameter Values Unit Conditions Min Typ Max Gate Charge Characteristics Qgs Gate to Source Charge - 13 - nC VDS = 480V, ID = 10A, VGS = 10V Qgd Gate to Drain Charge - 23 - Qg Gate Charge Total - 62 - Vplateau Gate Plateau Voltage - 5.8 - V Reverse Diode VSD Diode Forward Voltage - 0.9 1.2 V VGS = 0V, IS = IF trr Reverse Recovery Time - 407 - ns VRR = 480V, IS = IF, diF/dt = 100 A/µS Qrr Reverse Recovery Charge - 6.7 - µC Irm Peak Reverse Recovery Current - 32 - A Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603 788920, Web: www.micross.com, Email: chipcomponents@micross.com 2 |
Similar Part No. - ICE73N199 |
|
Similar Description - ICE73N199 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |