Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP607D Datasheet(PDF) 1 Page - Stanson Technology

Part # STP607D
Description  P Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP607D Datasheet(HTML) 1 Page - Stanson Technology

  STP607D Datasheet HTML 1Page - Stanson Technology STP607D Datasheet HTML 2Page - Stanson Technology STP607D Datasheet HTML 3Page - Stanson Technology STP607D Datasheet HTML 4Page - Stanson Technology STP607D Datasheet HTML 5Page - Stanson Technology STP607D Datasheet HTML 6Page - Stanson Technology STP607D Datasheet HTML 7Page - Stanson Technology STP607D Datasheet HTML 8Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STP607D
P Channel Enhancement Mode MOSFET
-
10.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
.
STP607D 2010. V1
DESCRIPTION
STP607D is the P-Channel logic enhancement mode power field effect transistor which
is produced using high cell density, DMOS trench technology. The STP607D has been
designed specially to improve the overall efficiency of DC/DC converters using either
synchronous or conventional switching PWM controllers. It has been optimized for low
gate charge, low RDS(ON) and fast switching speed.
PIN CONFIGURATION (D-PAK)
TO-252
TO-251
PART MARKING
Y: Year Code
A: Date Code Q: Process Code
FEATURE
-60V/-10.0A, RDS(ON) = 150mΩ
Typ.
@VGS = -10V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and maximum
DC current capability
TO-252package design


Similar Part No. - STP607D

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STP601 STANSON-STP601 Datasheet
398Kb / 7P
   P Channel Enhancement Mode MOSFET
STP601D STANSON-STP601D Datasheet
676Kb / 7P
   P Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STP601D VBSEMI-STP601D Datasheet
971Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STP60L60 DOINGTER-STP60L60 Datasheet
1Mb / 3P
   N-Channel MOSFET uses advanced trench technology
logo
SamHop Microelectronics...
STP60L60F SAMHOP-STP60L60F Datasheet
124Kb / 7P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - STP607D

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com