Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD3870 Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # LD3870
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LD3870 Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  LD3870 Datasheet HTML 1Page - E-Tech Electronics LTD LD3870 Datasheet HTML 2Page - E-Tech Electronics LTD LD3870 Datasheet HTML 3Page - E-Tech Electronics LTD LD3870 Datasheet HTML 4Page - E-Tech Electronics LTD LD3870 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LD3870
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R105-028,E
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
+14
V
Control Voltage
VCONT
+14(Note 2)
V
Power Dissipation
PD
200
mW
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +125
°C
Note 1: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. When input voltage is less than +14V, the absolute maximum control voltage is equal to the input voltage.
ELECTRICAL CHARACTERISTICS
(VIN=VOUT+1V, CIN=0.1μF, COUT=4.7μF, Cp=0.01μF, TA=25°C)
PARAMETER
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT=30mA
-2%
+2%
V
Quiescent Current
IQ
IOUT=0mA, expect lCONT
200
300
μA
Quiescent Current
At Control OFF
IQ(OFF)
VCONT=0V
100
nA
Output Current
IOUT
VOUT-0.3V
150
200
mA
Line Regulation
V
OUT/V
IN VIN=VOUT+1V ~ VOUT+6V, IOUT=30mA
0.10
%/V
Load Regulation
V
OUT/I
OUT IOUT=0 ~ 100mA
0.03
%/mA
Dropout Voltage
VD
IOUT=60mA
0.12
0.2
V
Ripple Rejection
RR
eIN=200mVrms, f=1kHz, IOUT=10mA,
VIN=VOUT+2V, VOUT=3V Version
60
dB
Average Temperature
Coefficient of Output Voltage
V
OUT/T
A
TA=0~85 , I
OUT=10mA,
VOUT=3V Version
0.2
mV/°C
Output Noise Voltage
e
N
f=10Hz ~ 80kHz, IOUT=10mA,
VOUT=3V Version
30
μVrms
Control Voltage
ON
VCONT(ON)
1.6
V
OFF
VCONT(OFF)
0.6
V
Note: The above specification is a common specification for all output voltages. Therefore, it may be different from
the individual specification for a specific output voltage.


Similar Part No. - LD3870

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LD3870 UTC-LD3870 Datasheet
204Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
LD3870 UTC-LD3870 Datasheet
239Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
LD3870-1.5V UTC-LD3870-1.5V Datasheet
73Kb / 7P
   LINEAR INTEGRATED CIRCUIT
LD3870-1.8V UTC-LD3870-1.8V Datasheet
73Kb / 7P
   LINEAR INTEGRATED CIRCUIT
LD3870-1.9V UTC-LD3870-1.9V Datasheet
73Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - LD3870

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com