Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1301 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 2SK1301
Description  Silicon N-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK1301 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SK1301 Datasheet HTML 1Page - Hitachi Semiconductor 2SK1301 Datasheet HTML 2Page - Hitachi Semiconductor 2SK1301 Datasheet HTML 3Page - Hitachi Semiconductor 2SK1301 Datasheet HTML 4Page - Hitachi Semiconductor 2SK1301 Datasheet HTML 5Page - Hitachi Semiconductor 2SK1301 Datasheet HTML 6Page - Hitachi Semiconductor 2SK1301 Datasheet HTML 7Page - Hitachi Semiconductor 2SK1301 Datasheet HTML 8Page - Hitachi Semiconductor 2SK1301 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2SK1301
5
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
6
Gate to Source Voltage VGS (V)
8
4
2
010
1.0
1.5
2.0
2.5
0
0.5
Pulse Test
ID = 5 A
10 A
20 A
10
Drain Current ID (A)
20
5
2
100
0.02
0.05
0.1
0.2
0.5
1
0.01
0.005
50
Static Drain to Source on State
Resistance vs. Drain Current
VGS = 4 V
10 V
Pulse Test
80
Case Temperature TC (°C)
120
40
0
0.1
0.2
0.3
0.4
0.5
–40
0
160
Static Drain to Source on State
Resistance vs. Temperature
ID = 20 A
Pulse Test
VGS = 4 V
VGS = 10 V
20 A
10 A
5 A
10 A
5 A
Forward Transfer Admittance
vs. Drain Current
50
20
10
5
2
1
0.2
0.5
1.0
2
5
20
Drain Current ID (A)
10
0.5
TC = 25°C
VDS = 10 V
Pulse Test
–25°C
75°C


Similar Part No. - 2SK1301

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK1301 RENESAS-2SK1301 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET
logo
VBsemi Electronics Co.,...
2SK1301 VBSEMI-2SK1301 Datasheet
773Kb / 6P
   N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK1301 ISC-2SK1301 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK1301-E RENESAS-2SK1301-E Datasheet
82Kb / 7P
   Silicon N Channel MOS FET
More results

Similar Description - 2SK1301

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com