Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB61F3A Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # CB61F3A
Description  Fast-Acting SMD Brick??Fuses CB61F Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CB61F3A Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  CB61F3A Datasheet HTML 1Page - Cooper Bussmann, Inc. CB61F3A Datasheet HTML 2Page - Cooper Bussmann, Inc. CB61F3A Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Time-Current Curves
0.01
0.1
1
10
100
1000
1
10
100
Current (A)
2A
3A
4A
6.3A 7A 8A 10A 12A 15A
0112
BU-SB111447
Page 2 of 3
Data Sheet 4377


Similar Part No. - CB61F3A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CB61F3A COOPER-CB61F3A Datasheet
387Kb / 3P
   Fast-Acting SMD Brick??Fuses
CB61F3A COOPER-CB61F3A Datasheet
387Kb / 3P
   Fast-Acting SMD Brick Fuses CB61F Series
logo
Eaton All Rights Reserv...
CB61F3A EATON-CB61F3A Datasheet
600Kb / 3P
   Fast-acting surface mount Brick??fuses
More results

Similar Description - CB61F3A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CB61F10A-TR1 COOPER-CB61F10A-TR1 Datasheet
387Kb / 3P
   Fast-Acting SMD Brick Fuses CB61F Series
CB61F2A COOPER-CB61F2A Datasheet
387Kb / 3P
   Fast-Acting SMD Brick??Fuses
1025FA250-R COOPER-1025FA250-R Datasheet
315Kb / 2P
   Brick??Fuses 1025FA Series, Fast-Acting
logo
Eaton All Rights Reserv...
CB61F EATON-CB61F Datasheet
600Kb / 3P
   Fast-acting surface mount Brick??fuses
logo
Bourns Electronic Solut...
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
   Fast Acting SMD Fuses
SF-1206F-M BOURNS-SF-1206F-M Datasheet
537Kb / 5P
   Fast Acting SMD Fuses
SF-2410FP-T BOURNS-SF-2410FP-T Datasheet
609Kb / 9P
   Fast Acting Precision SMD Fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Bourns Electronic Solut...
SF-3812F-T BOURNS-SF-3812F-T Datasheet
264Kb / 6P
   SF-3812F-T Series – Fast Acting SMD Fuses
REV. 04/21
logo
Cooper Bussmann, Inc.
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
   Automotive Glass Fuses Fast-Acting Fast-Acting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com