Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC81718NSZ0F Datasheet(PDF) 9 Page - Sharp Corporation

Part # PC81718NSZ0F
Description  DIP 4pin High CMR, Low Input Current Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC81718NSZ0F Datasheet(HTML) 9 Page - Sharp Corporation

Back Button PC81718NSZ0F Datasheet HTML 5Page - Sharp Corporation PC81718NSZ0F Datasheet HTML 6Page - Sharp Corporation PC81718NSZ0F Datasheet HTML 7Page - Sharp Corporation PC81718NSZ0F Datasheet HTML 8Page - Sharp Corporation PC81718NSZ0F Datasheet HTML 9Page - Sharp Corporation PC81718NSZ0F Datasheet HTML 10Page - Sharp Corporation PC81718NSZ0F Datasheet HTML 11Page - Sharp Corporation PC81718NSZ0F Datasheet HTML 12Page - Sharp Corporation PC81718NSZ0F Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Sheet No.: D2-A03302EN
■ Design Considerations
While operating at IF<0.5mA, CTR variation may increase.
Please make design considering this fact.
In case that some sudden big noise caused by voltage variation is provided between primary and secondary
terminals of photocoupler some current caused by it is floating capacitance may be generated and result in
false operation since current may go through IRED or current may change.
If the photocoupler may be used under the circumstances where noise will be generated we recommend to
use the bypass capacitors at the both ends of IRED.
This product is not designed against irradiation and incorporates non-coherent IRED.
● Degradation
In general, the emission of the IRED used in photocouplers will degrade over time.
In the case of long term operation, please take the general IRED degradation (50% degradation over 5
years) into the design consideration.
● Recommended Foot Print (reference)
✩ For additional design assistance, please review our corresponding Optoelectronic Application Notes.
9
2.2
8.2
(Unit : mm)
● Design guide
PC8171xNSZ0F Series


Similar Part No. - PC81718NSZ0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC81718NSZ SHARP-PC81718NSZ Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
More results

Similar Description - PC81718NSZ0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC81710NSZ0F SHARP-PC81710NSZ0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81710NIP0F SHARP-PC81710NIP0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81711NIP0F SHARP-PC81711NIP0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81410NSZ0F SHARP-PC81410NSZ0F Datasheet
233Kb / 14P
   DIP 4pin High CMR, AC Input, Low Input Current Photocoupler
PC12311NSZ0F SHARP-PC12311NSZ0F Datasheet
491Kb / 16P
   DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC81510NSZ SHARP-PC81510NSZ Datasheet
178Kb / 11P
   DIP 4pin Darlington Phototransistor Output, Low Input Current Photocoupler
PC81510NSZ0F SHARP-PC81510NSZ0F Datasheet
292Kb / 11P
   DIP 4pin Darlington Phototransistor Output, Low Input Current Photocoupler
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
   DIP 4pin AC Input Photocoupler
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
   DIP 4pin AC Input Photocoupler
logo
COSMO Electronics Corp...
KPS28010Z COSMO-KPS28010Z_15 Datasheet
220Kb / 10P
   4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com