Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-458CB641ES-A80 Datasheet(PDF) 2 Page - NEC

Part # MC-458CB641ES-A80
Description  8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-458CB641ES-A80 Datasheet(HTML) 2 Page - NEC

  MC-458CB641ES-A80 Datasheet HTML 1Page - NEC MC-458CB641ES-A80 Datasheet HTML 2Page - NEC MC-458CB641ES-A80 Datasheet HTML 3Page - NEC MC-458CB641ES-A80 Datasheet HTML 4Page - NEC MC-458CB641ES-A80 Datasheet HTML 5Page - NEC MC-458CB641ES-A80 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet M14015EJ4V0DS00
2
MC-458CB641ES, 458CB641PS
Ordering Information
Part number
Clock frequency
MHz (MAX.)
Package
Mounted devices
MC-458CB641ES-A80
125 MHz
144-pin Small Outline DIMM
(Socket Type)
4 pieces of
µPD45128163G5 (Rev. E)
(10.16mm (400) TSOP (II))
MC-458CB641ES-A10
100 MHz
Edge connector: Gold plated
25.4 mm height
MC-458CB641PS-A80
125 MHz
4 pieces of
µPD45128163G5 (Rev. P)
(10.16mm (400) TSOP (II))
MC-458CB641PS-A10
100 MHz
5
5


Similar Part No. - MC-458CB641ES-A80

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-458CB641ES-A80 ELPIDA-MC-458CB641ES-A80 Datasheet
151Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
More results

Similar Description - MC-458CB641ES-A80

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-458CB64ESB ELPIDA-MC-458CB64ESB Datasheet
141Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CB64ESB NEC-MC-458CB64ESB Datasheet
126Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-458CB641ES ELPIDA-MC-458CB641ES Datasheet
151Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB642XS ELPIDA-MC-458CB642XS Datasheet
135Kb / 14P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-45V8AB642KS ELPIDA-MC-45V8AB642KS Datasheet
150Kb / 16P
   8M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CA721ESA NEC-MC-458CA721ESA Datasheet
142Kb / 6P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-458CA721ESA ELPIDA-MC-458CA721ESA Datasheet
156Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-4516CD641ES NEC-MC-4516CD641ES Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CD641ES ELPIDA-MC-4516CD641ES Datasheet
154Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-4516CD642XS ELPIDA-MC-4516CD642XS Datasheet
136Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com