Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP801 Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # PP801
Description  Concave Lenz type, Water clear epoxy
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

PP801 Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  PP801 Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. PP801 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. PP801 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. PP801 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. PP801 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. PP801 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. PP801 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. PP801 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. PP801 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1
PP801
Through-hole PIN Photodiode/Wide Distribution Type
Recommended Applications
Electric Household Appliances, OA/FA, PC/Peripheral Equipment, Other General Applications
・Photo Current : 190μA TYP. (V
R=12V,Ee=5mW/cm
2)
・Wide Distribution
・Lead–free soldering compatible
・RoHS compliant
Peak Sensitivity Wavelength
950nm
156 deg.
Product features
Die materials
Si
Features
Package
Concave Lenz type, Water clear epoxy
TTW (Through The Wave) soldering and manual soldering
※Please refer to Soldering Conditions about soldering.
Soldering methods
ESD
2kV (HBM)
Half Intensity Angle
2006.8.31


Similar Part No. - PP801

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PP80 EDI-PP80 Datasheet
87Kb / 2P
   SINGLE - PHASE FULL WAVE BRIDGE 6.0 AMPERES HEAT SINK MOUNTING 3.0 AMPERES FOR P.C BOARD MOUNTING
logo
List of Unclassifed Man...
PP80 ETC2-PP80 Datasheet
96Kb / 2P
   2491B Single Core Flexible
logo
Pico Technology Ltd.
PP803 PICO-PP803 Datasheet
6Mb / 9P
   Current data logger
More results

Similar Description - PP801

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNF318U-4 STANLEY-DNF318U-4 Datasheet
181Kb / 10P
   5 type, Water clear epoxy
logo
OptoSupply Internationa...
OSBBY25111E OPTOSUPPLY-OSBBY25111E Datasheet
112Kb / 1P
   5mm Round Blue & Blue LED UV Resistant Epoxy/ Water Clear Type
logo
A-BRIGHT Inc
AL-01T7IR1WC-A30 A-BRIGHT-AL-01T7IR1WC-A30 Datasheet
329Kb / 4P
   Water Clear
logo
OptoSupply Internationa...
OSRRJ23131A OPTOSUPPLY-OSRRJ23131A Datasheet
109Kb / 1P
   3mm Round Red & Red LED UV Resistant Epoxy/ Water Clear Type High Luminous LEDs
logo
List of Unclassifed Man...
URGB1308B ETC1-URGB1308B Datasheet
1Mb / 15P
   PLCC-6 TYPE WATER CLEAR RESIN
logo
Ningbo Foryard Optoelec...
FYL-5043LURC1E FORYARD-FYL-5043LURC1E Datasheet
271Kb / 5P
   Water clear led
FYL-5044UWC1E FORYARD-FYL-5044UWC1E_15 Datasheet
279Kb / 5P
   Water clear led
FYL-5483UBC1A FORYARD-FYL-5483UBC1A_15 Datasheet
277Kb / 5P
   Water clear led
FYL-10014UWC1A FORYARD-FYL-10014UWC1A_15 Datasheet
279Kb / 5P
   Water clear led
FYL-5012VC1C FORYARD-FYL-5012VC1C Datasheet
279Kb / 5P
   Water clear led
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com