Electronic Components Datasheet Search |
|
MC-458CB647EFA-A75 Datasheet(PDF) 6 Page - NEC |
|
MC-458CB647EFA-A75 Datasheet(HTML) 6 Page - NEC |
6 / 16 page Data Sheet M14279EJ3V0DS00 6 MC-458CB647 DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted) Parameter Symbol Test condition MIN. MAX. Unit Notes Operating current ICC1 Burst length = 1 /CAS latency = 2 440 mA 1 tRC ≥ tRC(MIN.), IO = 0 mA /CAS latency = 3 460 Precharge standby current in ICC2P CKE ≤ VIL(MAX.), tCK = 15 ns 4 mA power down mode ICC2PS CKE ≤ VIL(MAX.), tCK = ∞ 4 Precharge standby current in ICC2NCKE ≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.),80 mA non power down mode Input signals are changed one time during 30 ns. ICC2NS CKE ≥ VIH(MIN.), tCK = ∞, Input signals are stable. 32 Active standby current in ICC3P CKE ≤ VIL(MAX.), tCK = 15 ns 20 mA power down mode ICC3PS CKE ≤ VIL(MAX.), tCK = ∞ 16 Active standby current in ICC3NCKE ≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.), 120 mA non power down mode Input signals are changed one time during 30 ns. ICC3NS CKE ≥ VIH(MIN.), tCK = ∞, Input signals are stable. 80 Operating current ICC4 tCK ≥ tCK(MIN.), IO = 0 mA /CAS latency = 2 580 mA 2 (Burst mode) /CAS latency = 3 740 CBR (Auto) refresh current ICC5 tRC ≥ tRC(MIN.) /CAS latency = 2 920 mA 3 /CAS latency = 3 960 Self refresh current ICC6 CKE ≤ 0.2 V8 mA Input leakage current II(L) VI = 0 to 3.6 V, All other pins not under test = 0 V –4 +4 µA Output leakage current IO(L) DOUT is disabled, VO = 0 to 3.6 V –1.5 +1.5 µA High level output voltage VOH IO = –4.0 mA 2.4 V Low level output voltage VOL IO = +4.0 mA 0.4 V Notes 1. ICC1 depends on output loading and cycle rates. Specified values are obtained with the output open. In addition to this, ICC1 is measured on condition that addresses are changed only one time during tCK (MIN.). 2.ICC4 depends on output loading and cycle rates. Specified values are obtained with the output open. In addition to this, ICC4 is measured on condition that addresses are changed only one time during tCK (MIN.). 3.ICC5 is measured on condition that addresses are changed only one time during tCK (MIN.). 5 5 5 5 5 |
Similar Part No. - MC-458CB647EFA-A75 |
|
Similar Description - MC-458CB647EFA-A75 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |