Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V14E625P Datasheet(PDF) 6 Page - Littelfuse

Part # V14E625P
Description  Radial Lead Varistors UltraMOVTM Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V14E625P Datasheet(HTML) 6 Page - Littelfuse

Back Button V14E625P Datasheet HTML 2Page - Littelfuse V14E625P Datasheet HTML 3Page - Littelfuse V14E625P Datasheet HTML 4Page - Littelfuse V14E625P Datasheet HTML 5Page - Littelfuse V14E625P Datasheet HTML 6Page - Littelfuse V14E625P Datasheet HTML 7Page - Littelfuse V14E625P Datasheet HTML 8Page - Littelfuse V14E625P Datasheet HTML 9Page - Littelfuse V14E625P Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 4, 2010
UltraMOV™ Varistor Series
Radial Lead Varistors > UltraMOVTM Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov.html for current information.
MODEL SIZE = 14MM
TA = -55
oC TO 85oC
10000
1000
100
10
1
10
100
1000
10000
104
105
106
1
2
102
103
10
130 to 625VM(AC) RATING
IMPULSE DURATION (μs)
Repetitive Surge Capability for 14mm Parts
Repetitive Surge Capability for 20mm Parts
V14E130(P) -V14E625(P)
V20E130(P) -V20E625(P)
10000
1000
100
10
1
10
100
1000
10000
IMPULSE DURATION (μs)
MODEL SIZE = 20MM
TA = -55
oC TO 85oC
100000
104
105
106
1
2
102
103
10
130 to 625VM(AC) RATING
Repetitive Surge Capability for 10mm Parts
V10E130(P) - VIOE625(P)
MODEL SIZE = 10MM
TA = -55
oC TO 85oC
10000
1000
100
10
1
10
100
1000
10000
IMPULSE DURATION (μs)
1
104
105
106
2
10
103
102
130 to 625VM(AC) RATING
Pulse Rating Curves (Continued...)
Figure 8
Figure 9
Figure 10


Similar Part No. - V14E625P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V14E625P LITTELFUSE-V14E625P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V14E625P LITTELFUSE-V14E625P Datasheet
784Kb / 11P
   Radial Lead Varistors
V14E625P LITTELFUSE-V14E625P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V14E625P LITTELFUSE-V14E625P Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
V14E625P LITTELFUSE-V14E625P Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
More results

Similar Description - V14E625P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V20E625L3T7 LITTELFUSE-V20E625L3T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com