Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLK-721N Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # BLK-721N
Description  FREQUENCY RANGE: 1 - 1000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

BLK-721N Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  BLK-721N Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BLOCK
[ 163 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
DC BLOCK
FREQUENCY RANGE: 1 - 1000 MHz
DC BLOCK
Because of their inherent high breakdown potential, the
DC Blocks are ideal for applications where a high voltage,
DC or AC up to 20 KHz, must be rejected from the RF
signal path. Leakage from modulating signals can occur via
AC power lines, through ground loops, or along poorly
grounded coaxial cables. These leakages can impair the
accuracy of RF measurements, and or signal purity.
SINGLE BLOCK
DUAL BLOCK
Impedance is 50 Ohms for all models.
NOTE: For different connector requirements, please contact Synergy.
LB = LF to 10 LF
MB = 10 LF to HF/2
UB = HF/2 to HF
FREQUENCY
INSERTION LOSS
VOLTAGE
VSWR
RANGE
(dB)
BREAKDOWN
(MHz)
LB
MB
UB
(Vdc)
LB
MB
UB
TYPE
MODEL
TYP/MAX
TYP/MAX
TYP/MAX
TYP/MAX
TYP/MAX
TYP/MAX
3-500
0.06/0.20
0.04/0.20
0.10/0.20
2500
1.12:1/1.20:1
1.08:1/1.20:1
1.12:1/1.25:1
Single
BLK-711N
5-500
0.12/0.20
0.10/0.20
0.12/0.25
2500
1.18:1/1.25:1
1.12:1/1.20:1
1.20:1/1.30:1
Dual
BLK-721N
1-1000
0.20/0.30
0.10/0.20
0.40/0.50
2500
1.40:1/1.50:1
1.10:1/1.20:1
1.40:1/1.50:1
Single
BLK-712N
3-900
0.25/0.40
0.15/0.30
0.30/0.40
2500
1.18:1/1.25:1
1.23:1/1.32:1
1.35:1/1.45:1
Dual
BLK-722N
158
For package outline drawing, see back pages.


Similar Part No. - BLK-721N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BLK-010 BOURNS-BLK-010 Datasheet
105Kb / 2P
   BLK Series Protector Panels
REV. C 10/19
BLK-010-X-01 BOURNS-BLK-010-X-01 Datasheet
105Kb / 2P
   BLK Series Protector Panels
REV. C 10/19
BLK-010-X-02 BOURNS-BLK-010-X-02 Datasheet
105Kb / 2P
   BLK Series Protector Panels
REV. C 10/19
BLK-010-X-03 BOURNS-BLK-010-X-03 Datasheet
105Kb / 2P
   BLK Series Protector Panels
REV. C 10/19
BLK-010-X-04 BOURNS-BLK-010-X-04 Datasheet
105Kb / 2P
   BLK Series Protector Panels
REV. C 10/19
More results

Similar Description - BLK-721N

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
   50 MHz to 1000 MHz Frequency Range
PE15A1014 PASTERNACK-PE15A1014 Datasheet
428Kb / 6P
   50 MHz to 1 GHz Frequency Range
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
97Kb / 4P
   Wide frequency range 10 MHz to 1 GHz
Rev. 1.2, 25-Feb-13
logo
Motorola, Inc
MC12181 MOTOROLA-MC12181 Datasheet
114Kb / 9P
   125 - 1000 MHZ FREQUENCY SYNTHESIZER
logo
List of Unclassifed Man...
ANT-2.4-CW-RCTA ETC2-ANT-2.4-CW-RCTA Datasheet
212Kb / 2P
   Frequency Range 2400~2483.5 MHz
logo
Pasternack Enterprises,...
PE2003 PASTERNACK-PE2003 Datasheet
86Kb / 1P
   BNC FEMALE POWER DIVIDER FREQUENCY RANGE: 10-1000 MHz 2 OUTPUT PORTS
logo
Silicon Laboratories
SI4032-B1-FM SILABS-SI4032-B1-FM Datasheet
88Kb / 2P
   Frequency Range = 240??30 MHz
logo
Pasternack Enterprises,...
PE2047 PASTERNACK-PE2047 Datasheet
121Kb / 1P
   N FEMALE POWER DIVIDER, FREQUENCY RANGE 10-1000 MHz 2 OUTPUT PORTS
PE2004 PASTERNACK-PE2004 Datasheet
84Kb / 1P
   BNC FEMALE POWER DIVIDER FREQUENCY RANGE 10-1000 MHz 4 OUTPUT PORTS
logo
Nel Frequency Controls,...
PJ-0A20X NEL-PJ-0A20X Datasheet
184Kb / 2P
   Frequency Range: 10.0 MHz to 52.0 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com