Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2570 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SK2570
Description  Silicon N-Channel MOS FET Low Frequency Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2570 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SK2570 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2570 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2570 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2570 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2570 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2570 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2570 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2570 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SK2570
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
20
V
Gate to source voltage
V
GSS
±10
V
Drain current
I
D
0.2
A
Drain peak current
I
D(pulse)*
1
0.4
A
Channel dissipation
Pch
150
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. PW
≤ 10µs, duty cycle ≤ 1 %
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V
(BR)DSS
20
——V
I
D = 10µA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±10
——V
I
G = ±100µA, VDS = 0
Zero gate voltege drain
current
I
DSS
1.0
µAV
DS = 20 V, VGS = 0
Gate to source leak current
I
GSS
——
±5.0
µAV
GS = ±6.5V, VDS = 0
Gate to source cutoff voltage
V
GS(off)
0.5
1.5
V
I
D = 10µA, VDS = 5V
Static drain to source on state
resistance
R
DS(on)
0.8
1.1
I
D = 100 mA
V
GS = 4V *
1
1.3
2.2
I
D = 40 mA
V
GS = 2.5V *
1
Forward transfer admittance
|y
fs|
0.22
0.35
S
I
D = 100 mA
V
DS = 10V *
1
Input capacitance
Ciss
45
pF
V
DS = 10V
Output capacitance
Coss
33
pF
V
GS = 0
Reverse transfer capacitance Crss
9.6
pF
f = 1MHz
Turn-on delay time
t
d(on)
20
ns
V
GS = 5V, ID = 100 mA
Rise time
t
r
60
ns
R
L = 100Ω
Turn-off delay time
t
d(off)
240
ns
Fall time
t
f
140
ns
Notes: 1. Pulse test
2.
Marking is “ZL–”


Similar Part No. - 2SK2570

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2570 RENESAS-2SK2570 Datasheet
172Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
2SK2570ZL-TL-E RENESAS-2SK2570ZL-TL-E Datasheet
172Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
2SK2570ZL-TR-E RENESAS-2SK2570ZL-TR-E Datasheet
172Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
More results

Similar Description - 2SK2570

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK2802 HITACHI-2SK2802 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Renesas Technology Corp
2SK3000 RENESAS-2SK3000_15 Datasheet
173Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
2SK3000 RENESAS-2SK3000 Datasheet
119Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
2SK2570 RENESAS-2SK2570 Datasheet
172Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Hitachi Semiconductor
2SK3000 HITACHI-2SK3000 Datasheet
47Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com