Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T312022 Datasheet(PDF) 1 Page - E-SWITCH

Part # T312022
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T312022 Datasheet(HTML) 1 Page - E-SWITCH

  T312022 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
300SP2J1BLKVS2RE
2:1
9/14/2005
T312022
B
PH
1
1
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
(ON)
2-3
N/A
2-1
P.C. MOUNTING
A
15273
RELEASED FOR PRODUCTION
9/14/05
PH
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4 VOLTAMPS MAX. @20V MAX. AC OR DC
6. ELECTRIC LIFE: 40,000 make-and-break cycles
at full load.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
2
13
CIRCUI: SPDT
E-SWITCH
MARKING ON
OPPOSITE SIDE
1
2
3
3
4.70
[.185 in]
n1.85
[.073 in]
.51
[.020 in]
4.70
[.185 in]
.76
[.030 in]
15.75
[.620 in]
EPOXY SEAL
11.68
[.460 in]
4.70
[.185 in]
3.18
[.125 in]
1.22
[.048 in]
8.13
[.320 in]
3.18
[.125 in]
15.75
[.620 in]
(ON)=MOMENTARY
9.27
[.365 in]
13.49
[.531 in]
16.87
[.664 in]
7.59
[.299 in]
7.87
[.310 in]
4.11
[.162 in]
1.27
[.050 in]
A
15422
DESC. TO J1 FROM R1 PER VENDOR REQ.
10/20/05
PH


Similar Part No. - T312022

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T312020 E-SWITCH-T312020 Datasheet
223Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T312021 E-SWITCH-T312021 Datasheet
160Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T312023 E-SWITCH-T312023 Datasheet
135Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T312024 E-SWITCH-T312024 Datasheet
152Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T312025 E-SWITCH-T312025 Datasheet
115Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T312022

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com