Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-1525EZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-1525EZ
Description  Change to improved mold compound
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-1525EZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-1525EZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-1525EZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-1525EZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-1525EZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PCN: V11-016-E47540-MA
Product Change Notice
Issue Date: July 29, 2011
Change Type:
Receivers
- Change to improved mold compound
- Change to alternate photo diode source
- Change of Lead frame base material
Transmitters
- Change to improved mold compound
Description and Extent of Change:
1.
Qualify improved mold compound to achieve better moisture sensitivity level (from MSL 4 to MSL 3)
Parts Affected:
HFBR-1505AFZ
HFBR-1505AZ
HFBR-1505CFZ
HFBR-1505CZ
HFBR-1506AFZ
HFBR-1506AMZ
HFBR-1515BFZ
HFBR-1515BZ
HFBR-1517Z
HFBR-1520Z
HFBR-1521Z
HFBR-1522Z
HFBR-1523Z
HFBR-1524Z
HFBR-1525EZ
HFBR-1526Z
HFBR-1527Z
HFBR-1528Z
HFBR-1531Z
HFBR-1532Z
HFBR-1533Z
HFBR-1537Z
QFBR-1548Z
QFBR-1549Z
QFBR-1551Z
QFBR-1561Z
QFBR-1570Z
QFBR-1573Z
QFBR-1585Z
QFBR-T081Z
QFBR-T501Z
QFBR-T515EZ
QFBR-T518Z
QFBR-T519Z
QFBR-T521Z
QFBR-T531Z
QFBR-TT02Z
QFBR-TT03Z
QFBR-TT06Z
QFBR-TT09Z
QFBR-521TZ
QFBR-T631Z


Similar Part No. - HFBR-1525EZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1525EZ AVAGO-HFBR-1525EZ Datasheet
131Kb / 7P
   12 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
More results

Similar Description - HFBR-1525EZ

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28333-PCN-001-A MA-COM-28333-PCN-001-A Datasheet
17Kb / 2P
   Mold Compound and Die Attach Change for ETQFP Package
logo
List of Unclassifed Man...
HF-225F ETC2-HF-225F Datasheet
371Kb / 2P
   Soft, thermally conductive 55째C phase change compound
logo
NEC
HQ1F3P NEC-HQ1F3P Datasheet
111Kb / 6P
   COMPOUND TRANSISTOR
BA1A3Q NEC-BA1A3Q Datasheet
103Kb / 4P
   COMPOUND TRANSISTOR
FB1A4M NEC-FB1A4M Datasheet
111Kb / 8P
   COMPOUND TRANSISTOR
logo
Renesas Technology Corp
BA1A4Z RENESAS-BA1A4Z Datasheet
229Kb / 6P
   COMPOUND TRANSISTOR
2002
logo
Isahaya Electronics Cor...
RT3CLLM ISAHAYA-RT3CLLM Datasheet
141Kb / 4P
   Compound Transistor
logo
NEC
BN1L4Z NEC-BN1L4Z Datasheet
85Kb / 4P
   COMPOUND TRANSISTOR
AA1L4Z NEC-AA1L4Z Datasheet
81Kb / 4P
   COMPOUND TRANSISTOR
logo
T-Global Technology
TG-S606P-1 TGLOBAL-TG-S606P-1 Datasheet
588Kb / 1P
   Thermal Compound
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com