Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-45V16AD641 Datasheet(PDF) 9 Page - NEC

Part # MC-45V16AD641
Description  16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-45V16AD641 Datasheet(HTML) 9 Page - NEC

  MC-45V16AD641 Datasheet HTML 1Page - NEC MC-45V16AD641 Datasheet HTML 2Page - NEC MC-45V16AD641 Datasheet HTML 3Page - NEC MC-45V16AD641 Datasheet HTML 4Page - NEC MC-45V16AD641 Datasheet HTML 5Page - NEC MC-45V16AD641 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 6 page
background image
Data Sheet M13823EJ6V0DS00
9
MC-45V16AD641
AC characteristics (Background to Background operation)
Parameter
Symbol
-A 75
-A 10
Unit
Notes
MIN.
MAX.
MIN.
MAX.
Same Bank Operation
ACT to ACT/REF Command period
tRC
67.5
80
ns
REF to REF/ ACT Command period
tRCF
67.5
80
ns
ACT to PRE Command period
tRAS
52
120,000
60
120,000
ns
PRE to ACT / REF Command period
tRP
20
20
ns
ACT to PFC/PFCA/ PPF/PPFA Command delay time
tAPD
15
20
ns
ACT to PFR Command delay time (Prefetch Read Operation)
tAPRD
20
20
ns
PFC to PRE Command delay time
tPPL
22.5
30
ns
PFCA / PFR to ACT/REF Command delay time
tPAL
45
50
ns
PPF to PRE Command delay time
tPPP
45
60
ns
PPFA to ACT/REF Command delay time
tPPA
67.5
80
ns
RST / RSTA to ACT(R)
Note1 Command delay time
tRAD
7.5
301040
ns
2
Same, Other Bank Operation
ACT(R)
Note1 to PFC/PFCA/PFR/ PPF/PPFA
Command delay time
tRPD
37.5
40
ns
PFC to PFC / PFCA Command delay time
tPPD
22.5
30
ns
PPF to PPF / PPFA Command delay time
tPPPD
45
60
ns
Other Bank Operation
ACT to ACT/ACT(R) or ACT(R) to ACT Command delay time
tRRD
15
20
ns
ACT(R) to ACT(R) Command delay time
tRRDR
30
40
ns
PFC /PFCA to RST /RSTA Command delay time
tPRD
22.5
30
ns
PPF /PPFA to RST /RSTA Command delay time
tPPRD
45
60
ns
Notes 1. ACT (R) command is ACT command after RST command.
2. The another background operation and same channel foreground operation are illegal while tRAD period.
5


Similar Part No. - MC-45V16AD641

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-45V16AD642KS ELPIDA-MC-45V16AD642KS Datasheet
147Kb / 16P
   16M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE (SO DIMM)
MC-45V16AD642KS-A75 ELPIDA-MC-45V16AD642KS-A75 Datasheet
147Kb / 16P
   16M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE (SO DIMM)
More results

Similar Description - MC-45V16AD641

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-45V16AB642 ELPIDA-MC-45V16AB642 Datasheet
156Kb / 16P
   16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45V8AB641 NEC-MC-45V8AB641 Datasheet
144Kb / 6P
   8M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com