Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMA24IB88 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GMA24IB88
Description  2.4??8x8 Dot Matrix
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GMA24IB88 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GMA24IB88 Datasheet HTML 1Page - List of Unclassifed Manufacturers GMA24IB88 Datasheet HTML 2Page - List of Unclassifed Manufacturers GMA24IB88 Datasheet HTML 3Page - List of Unclassifed Manufacturers GMA24IB88 Datasheet HTML 4Page - List of Unclassifed Manufacturers GMA24IB88 Datasheet HTML 5Page - List of Unclassifed Manufacturers GMA24IB88 Datasheet HTML 6Page - List of Unclassifed Manufacturers GMA24IB88 Datasheet HTML 7Page - List of Unclassifed Manufacturers GMA24IB88 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
GMZ24XX88_series
2.4” 8x8 Dot Matrix
Product: GMZ24XX88_series
Date: 07/18/2011
Page 2 of 8
Version# 1.2
Electrical / Optical Characteristic (T=25 oC)
Product
Material
Color
IF(mA)
VF(V)
λ(nm)
IV(mcd)
CC
CA
Typ.
λD
λP
Typ.
GMC24IB88 GMA24IB88
InGaN
Blue
20
3.0
460
470
160
GMC24IG88 GMA24IG88
InGaN
Green
20
3.0
460
470
200
GMC24R88
GMA24R88
AllnGaP
Red
20
2.0
624
632
60
GMC24Y88
GMA24Y88
AllnGaP
Yellow
20
2.0
589
591
35
GMC24AG88 GMA24AG88
AllnGaP
Yellow Green
20
2.0
573
575
25
Absolute Maximum Rating
Material
Pd (mW)
IF (mA) IFP (mA)* VR (V)
TOP (
oC)
TST (
oC) T
SOL (
oC)**
InGaN ( IB/IG )
120
30
100
5
-40 - 85
-40 - 100
260
AlInGaP ( R/Y/AG )
70
30
90
5
-40 - 85
-40 - 100
260
*Duty 1/10 @ 1KHz
** IR Reflow for no more than 5 sec @ 260
oC


Similar Part No. - GMA24IB88

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMA24IB88 ETC1-GMA24IB88 Datasheet
333Kb / 8P
   2.4inch 8x8 Dot Matrix
More results

Similar Description - GMA24IB88

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMC15IB88 ETC1-GMC15IB88 Datasheet
319Kb / 8P
   1.5inch 8x8 Dot Matrix
GMC15IB88 ETC2-GMC15IB88 Datasheet
319Kb / 8P
   1.5??8x8 Dot Matrix
GMC24IB88 ETC1-GMC24IB88 Datasheet
333Kb / 8P
   2.4inch 8x8 Dot Matrix
logo
Marktech Corporate
MTAN2123-11A MARKTECH-MTAN2123-11A Datasheet
46Kb / 1P
   Marktech 2.30 8x8 Dot Matrix
logo
China Semiconductor Cor...
CSM-88261EG CHINASEMI-CSM-88261EG Datasheet
270Kb / 7P
   2.3Inch 8X8 Dot-Matrix Display
logo
QT Optoelectronics
GMA2888C QT-GMA2888C Datasheet
595Kb / 7P
   2.3 8X8 DOT MATRIX DISPLAYS
logo
Marktech Corporate
MTAN2115-11A MARKTECH-MTAN2115-11A Datasheet
47Kb / 1P
   Marktech 1.50 8x8 Dot Matrix
MTAN7185M2-11BW MARKTECH-MTAN7185M2-11BW Datasheet
86Kb / 1P
   Marktech 0.85 8x8 Dot Matrix
logo
China Semiconductor Cor...
CSM-88035V9 CHINASEMI-CSM-88035V9 Datasheet
217Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88137M9 CHINASEMI-CSM-88137M9 Datasheet
225Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com