Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSW190410-100 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # FSW190410-100
Description  INTELLIGENT INTERACTIVE SYNTHESIZER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

FSW190410-100 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  FSW190410-100 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION FSW190410-100 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION FSW190410-100 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION FSW190410-100 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INTELLIGENT INTERACTIVE SYNTHESIZER
SURFACE MOUNT MODEL: FSW190410-100
1900 - 4100 MHz
wide bandwidth
This product is manufactured under one or more of the following patents. Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575;
7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642; 7,292,113; 7,365,612; 7,495,525; 2,548,311; 2,548,317; 7,545,229; 7,580,693; 7,586,381; 7,605,670; 7,636,021; 2,533,623
| Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 &
60/710310; 10/937525/60/736901; 60/732787; 7,495,525; 2,548,311; 2,548,317; 7,545,229; 2,563,174; 7,580,693; 7,612,296; 2,524,751
Copyright © Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 USA • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
[ 1 of 4 ]
FEATURES:
exceptionally Low Phase noise
interactive Communication
Standard Programming interface
Ultra wide tuning Range
Lead Free - RohS Compliant
Patented ReL-PRO® technology
Small Size, Surface Mount
Phase noise
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
100
1000
10000
100000
1000000
10000000
Offset Frequency (Hz)
1900.01 MHz
3000.02 MHz
4100.03 MHz
SPECIFICATIONS (Rev. I 04/04/11)
Frequency
1900 - 4100 MHz
Step Size
1000 kHz
Reference input Frequency
10 MHz 1
Reference input Voltage
1.0 V p-p to 3.3 V p-p
bias Voltage
Vcc
V (Vdc)
i (ma Max.)
Digital
+5
15
VCO
+5
50
Tune
+18
10
Output Power
-3 dBm (Min.)
Spurious Suppression
80 dB (Typ.)
harmonic Suppression
10 dB (Typ.)
Settling time
10 mSec (Typ.) 2
Output impedance
50 Ohms (Nom.)
Lock detect indicator
CMOS 3.3 V
typical Phase noise
Offset
Phase noise
@ 1 kHz
-85 dBc/Hz
@ 10 kHz
-83 dBc/Hz
@ 100 kHz
-110 dBc/Hz
Operating temperature Range
-20 to +70 °C
Programming
See Application Note: AN7100
1
Reference input frequency is programmable (See AN7100) in multiples of the
step size, 10 MHz is the factory default setting. 150 MHz (Max.)
2
From the rising edge of LE to stable lock detect
Absolute Maximum Ratings
Storage temp. Range
-55 to +125 ºC
bias Voltage (digital)
+5.25 V
bias Voltage (tune)
+20 V
bias Voltage (VCO)
+5.5 V
dC Voltage applied to RF Out
±25 V
Package #
273LF
Port Configuration
Pin 1,2,3 - NC
Pin 4 - Error flag
Pin 5 - Latch Enable In
Pin 6 - Ref. In
Pin 7 - Vcc (Digital)
Pin 8 - Vcc (Tune)
Pin 9 - Vcc (VCO)
Pin 13 - RF Out
Pin 14 - Lock Detect Out *
Pin 15 - Data In
Pin 16 - Clock In
All Others - Ground
NC - No Connection
* High when locked (source/sink 500 uA)


Similar Part No. - FSW190410-100

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FSW190410-50 SYNERGY-FSW190410-50 Datasheet
608Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results

Similar Description - FSW190410-100

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FSW170280-50 SYNERGY-FSW170280-50 Datasheet
807Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW60170-50 SYNERGY-LFSW60170-50 Datasheet
553Kb / 3P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW35105-100 SYNERGY-LFSW35105-100 Datasheet
467Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-110250-10 SYNERGY-MTS2500-110250-10 Datasheet
767Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-200400-10 SYNERGY-MTS2500-200400-10 Datasheet
667Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW60135-50 SYNERGY-FSW60135-50 Datasheet
564Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-300600-10 SYNERGY-MTS2500-300600-10 Datasheet
609Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-30525-10 SYNERGY-KMTS2500-30525-10 Datasheet
867Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MFSH432493-100 SYNERGY-MFSH432493-100 Datasheet
480Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com