Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSC5T120B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # QSC5T120B
Description  3mm Photo Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QSC5T120B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  QSC5T120B Datasheet HTML 1Page - List of Unclassifed Manufacturers QSC5T120B Datasheet HTML 2Page - List of Unclassifed Manufacturers QSC5T120B Datasheet HTML 3Page - List of Unclassifed Manufacturers QSC5T120B Datasheet HTML 4Page - List of Unclassifed Manufacturers QSC5T120B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
QSC5T120B
3mm Photo Transistor
Product: QSC5T120B
Date: 06/25/2011
Page 3 of 5
Version# 1.0
Characteristic Curves:


Similar Part No. - QSC5T120B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QSC5T120A ETC2-QSC5T120A Datasheet
491Kb / 5P
   3mm Photo Transistor
More results

Similar Description - QSC5T120B

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
OED-ST3052C16 LUMEX-OED-ST3052C16 Datasheet
56Kb / 1P
   3mm Photo Transistor
OED-ST3054C16 LUMEX-OED-ST3054C16 Datasheet
55Kb / 1P
   3mm Photo TRansistor
logo
List of Unclassifed Man...
QSC5T120A ETC2-QSC5T120A Datasheet
491Kb / 5P
   3mm Photo Transistor
QSC5T50B ETC1-QSC5T50B Datasheet
434Kb / 7P
   3mm Photo transistor Lamp
logo
CT Micro International ...
PT8300BT CTMICRO-PT8300BT Datasheet
836Kb / 9P
   3mm Lamp Type Photo Transistor
logo
LUMEX INC.
OED-ST-8LR2 LUMEX-OED-ST-8LR2 Datasheet
125Kb / 2P
   3mm Photo Transistor Water clear Lens
OED-ST-23-TR LUMEX-OED-ST-23-TR Datasheet
102Kb / 1P
   2mm X 3mm Surface Mount Photo Transistor
logo
AUK corp
ST3311 AUK-ST3311 Datasheet
56Kb / 3P
   Photo Transistor
logo
NEC
PH108A NEC-PH108A Datasheet
62Kb / 2P
   PHOTO TRANSISTOR
logo
Marktech Corporate
MTD8000NW MARKTECH-MTD8000NW Datasheet
56Kb / 2P
   Photo Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com