Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSD8T120B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QSD8T120B
Description  5mm Photo Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QSD8T120B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QSD8T120B Datasheet HTML 1Page - List of Unclassifed Manufacturers QSD8T120B Datasheet HTML 2Page - List of Unclassifed Manufacturers QSD8T120B Datasheet HTML 3Page - List of Unclassifed Manufacturers QSD8T120B Datasheet HTML 4Page - List of Unclassifed Manufacturers QSD8T120B Datasheet HTML 5Page - List of Unclassifed Manufacturers QSD8T120B Datasheet HTML 6Page - List of Unclassifed Manufacturers QSD8T120B Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
QSD8T120B
5mm Photo Transistor
Product: QSD8T120B
Date: September 22, 2014
Page 2 of 7
Version# 1.2
Tablet of Contents
Introduction............................................................................................................................................................. 3
Electrical / Optical Characteristic (T=25
oC) .......................................................................................................... 4
Absolute Maximum Rating..................................................................................................................................... 4
Characteristic Curves .............................................................................................................................................. 5
Packing.................................................................................................................................................................... 6
Labeling .................................................................................................................................................................. 6
Ordering Information .............................................................................................................................................. 6
Revision History ..................................................................................................................................................... 7
Disclaimer ............................................................................................................................................................... 7


Similar Part No. - QSD8T120B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QSD8T120B ETC1-QSD8T120B Datasheet
548Kb / 7P
   5mm lamp LED
More results

Similar Description - QSD8T120B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QSD8T120A ETC2-QSD8T120A Datasheet
467Kb / 4P
   5mm Photo Transistor
logo
CT Micro International ...
PT8500BT CTMICRO-PT8500BT Datasheet
843Kb / 9P
   5mm Lamp Type Photo Transistor
logo
Everlight Electronics C...
PDT323B-5 EVERLIGHT-PDT323B-5 Datasheet
188Kb / 7P
   5mm Low Profile Photo Darlington-Transistor T-1 3/4
logo
AUK corp
ST3311 AUK-ST3311 Datasheet
56Kb / 3P
   Photo Transistor
logo
NEC
PH108A NEC-PH108A Datasheet
62Kb / 2P
   PHOTO TRANSISTOR
logo
Marktech Corporate
MTD8000NW MARKTECH-MTD8000NW Datasheet
56Kb / 2P
   Photo Transistor
MTD8060P MARKTECH-MTD8060P Datasheet
104Kb / 2P
   Photo Transistor
logo
Toshiba Semiconductor
TPS618 TOSHIBA-TPS618 Datasheet
196Kb / 4P
   PHOTO-TRANSISTOR
logo
Marktech Corporate
PT086N4 MARKTECH-PT086N4 Datasheet
254Kb / 1P
   Photo Transistor
MTD8060W MARKTECH-MTD8060W_2 Datasheet
175Kb / 2P
   Photo Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com