Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2926 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # 2SK2926
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2926 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button 2SK2926 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2926 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2926 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2926 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2926 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2926 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2926 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2926 Datasheet HTML 9Page - Hitachi Semiconductor 2SK2926 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SK2926(L), 2SK2926(S)
8
Vin Monitor
D.U.T.
Vin
10 V
R L
V
= 30 V
DD
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
50
90%
10%
t f
Switching Time Test Circuit
Switching Time Waveform
3
1
0.3
0.1
0.03
0.01
10
µ
100
µ
1 m
10 m
100 m
1
10
DM
P
PW
T
D =
PW
T
ch – c(t) = s (t) •
ch – c
ch – c = 5
°C/W, Tc = 25 °C
θ
γ
θ
θ
D = 1
0.5
0.2
0.01
0.02
0.1
0.05
1 shot
Pulse
Tc = 25
°C
Pulse Width
PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width


Similar Part No. - 2SK2926

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2926 RENESAS-2SK2926 Datasheet
96Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
2SK2926 VBSEMI-2SK2926 Datasheet
896Kb / 6P
   N-Channel 60-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
2SK2926-ZJ KEXIN-2SK2926-ZJ Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
Renesas Technology Corp
2SK2926L RENESAS-2SK2926L Datasheet
96Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
2SK2926L VBSEMI-2SK2926L Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - 2SK2926

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com