Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2925S Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SK2925S
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2925S Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SK2925S Datasheet HTML 1Page - Hitachi Semiconductor 2SK2925S Datasheet HTML 2Page - Hitachi Semiconductor 2SK2925S Datasheet HTML 3Page - Hitachi Semiconductor 2SK2925S Datasheet HTML 4Page - Hitachi Semiconductor 2SK2925S Datasheet HTML 5Page - Hitachi Semiconductor 2SK2925S Datasheet HTML 6Page - Hitachi Semiconductor 2SK2925S Datasheet HTML 7Page - Hitachi Semiconductor 2SK2925S Datasheet HTML 8Page - Hitachi Semiconductor 2SK2925S Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SK2925(L),2SK2925(S)
4
Main Characteristics
40
30
20
10
0
50
100
150
200
1000
300
100
30
3
10
0.1
0.3
1
3
10
30
100
20
16
12
8
4
0
2
468
10
20
16
12
8
4
0
24
68
10
0.3
0.1
1
10
µs
1 ms
PW
=
10
ms
(1shot)
Ta = 25°C
100
µs
10 V
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
Drain to Source Voltage
V
(V)
DS
Typical Output Characteristics
Gate to Source Voltage
V
(V)
GS
Typical Transfer Characteristics
Operation in
this area is
limited by R DS(on)
DC
Operation
(Tc
=
25°C)
6 V
5 V
4 V
3 V
V
= 2.5 V
GS
Pulse Test
Tc = –25°C
25°C
V
= 10 V
Pulse Test
DS
75°C


Similar Part No. - 2SK2925S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2925S RENESAS-2SK2925S Datasheet
95Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Guangdong Kexin Industr...
2SK2925S KEXIN-2SK2925S Datasheet
45Kb / 1P
   N-Channel Silicon MOSFET
logo
Inchange Semiconductor ...
2SK2925S ISC-2SK2925S Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
2SK2925STL-E VBSEMI-2SK2925STL-E Datasheet
1,001Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - 2SK2925S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com